Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCA9617G-SM2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCA9617G-SM2-R
Description  LEVEL TRANSLATING FM I2C-BUS REPEATER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCA9617G-SM2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCA9617G-SM2-R Datasheet HTML 1Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 2Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 3Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 4Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 5Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 6Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 7Page - Unisonic Technologies UCA9617G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCA9617
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2019 Unisonic Technologies Co., Ltd
QW-R140-017.a
LEVEL TRANSLATING FM+
I2C-BUS REPEATER
DESCRIPTION
The UCA9617 enables I
2C-bus or SMBus translation down to
VCC(A) as low as 0.8V without degradation of system performance.
The UCA9617 contains two bidirectional open-drain buffers
specifically designed to support up-translation/down-translation
between the low voltage (as low as 0.8V) and a 2.5V, 3.3V or 5V
I
2C-bus or SMBus. All inputs and I/Os are overvoltage tolerant to 5.5V
even when the device is unpowered (VCC(B) and/or VCC(A)=0V). Using
the UCA9617 enables the system designer to isolate two halves of a
bus for both voltage and capacitance. The SDA and SCL pins are
overvoltage tolerant and are high-impedance when the UCA9617 is
unpowered.
The UCA9617 includes a power-up circuit that keeps the output drivers turned off until VCC(B) is above 2.2V and
until after the internal reference circuits have settled ~ 400μs, and the VCC(A) is above 0.8V. VCC(B) and VCC(A) can
be applied in any sequence at power-up.
After power-up and with the enable (EN) HIGH, a LOW level on port A (below 0.3VCC(A)) turns the corresponding
port B driver (either SDA or SCL) on and drives port B down to about 0.55V. When port A rises above 0.3VCC(A), the
port B pull-down driver is turned off and the external pull-up resistor pulls the pin HIGH. When port B falls first and
goes below 0.4V, the port A driver is turned on and port A pulls down to ~ 0V. The port A pull-down is not enabled
unless the port B voltage goes below 0.4V.
If the port B low voltage goes below 0.4V, the port B pull-down driver is enabled and port B will onl y be able to
rise to 0.55V until port A rises above 0.3VCC(A), then port B will continue to rise being pulled up by the external pull-up
resistor. The VCC(A) is only used to provide the 0.35VCC(A) reference to the port A input comparators and for the
power good detect circuit. The UCA9617 includes a VCC(A) overvoltage disable that turns the channel off if
0.4VCC(A)+0.8V>VCC(B). The UCA9617 logic and all I/Os are powered by the VCC(B) pin.
FEATURES
* Footprint and functional replacement for UCA9617 at
Fast-mode speeds
* 2 channel, bidirectional buffer isolates capacitance and
allows 540pF on either side of the device at 1 MHz and
up to 4000pF at lower speeds
* Voltage level translation from 0.8V to 5.5V and from 2.2V
to 5.5V
* Port A operating supply voltage range of 0.8V to 5.5V
with normal levels
* Port B operating supply voltage range of 2.2V to 5.5V
with static offset level
* 5V tolerant I
2C-bus and enable pins
* 0Hz to 1000kHz clock frequency (the maximum system
operating frequency may be less than 1000kHz because
of the delays added by the repeater)
* Active HIGH repeater enable input referenced to VCC(B)
* Open-drain input/outputs
* Latching free operation
* Supports arbitration and clock stretching across the
repeater
* Accommodates Standard-mode, Fast-mode and
Fast-mode Plus I
2C-bus devices, SMBus (standard and
high power mode), PMBus and multiple masters
* Powered-off high-impedance I
2C-bus pins


Similar Part No. - UCA9617G-SM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
UCA9306G-S08-R UTC-UCA9306G-S08-R Datasheet
233Kb / 9P
DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
UCA9306G-SM1-R UTC-UCA9306G-SM1-R Datasheet
233Kb / 9P
DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
UCA9306L-S08-R UTC-UCA9306L-S08-R Datasheet
233Kb / 9P
DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
UCA9306L-SM1-R UTC-UCA9306L-SM1-R Datasheet
233Kb / 9P
DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
More results

Similar Description - UCA9617G-SM2-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9617A NXP-PCA9617A Datasheet
1Mb / 24P
Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
logo
Texas Instruments
TCA9617A TI1-TCA9617A Datasheet
787Kb / 17P
LEVEL-TRANSLATING FM I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
Level translating I2C-bus repeater
Rev. 4-9 May 2012
logo
Texas Instruments
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
Level-Translating FM I2C Bus Repeater
logo
ON Semiconductor
PCA9617A ONSEMI-PCA9617A Datasheet
157Kb / 15P
Level-Translating Fm I2C-Bus Repeater
April, 2014 ??Rev. 1
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com