Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5501ASAC Datasheet(PDF) 4 Page - uPI Group Inc.

Part # US5501ASAC
Description  Dual Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

US5501ASAC Datasheet(HTML) 4 Page - uPI Group Inc.

  US5501ASAC Datasheet HTML 1Page - uPI Group Inc. US5501ASAC Datasheet HTML 2Page - uPI Group Inc. US5501ASAC Datasheet HTML 3Page - uPI Group Inc. US5501ASAC Datasheet HTML 4Page - uPI Group Inc. US5501ASAC Datasheet HTML 5Page - uPI Group Inc. US5501ASAC Datasheet HTML 6Page - uPI Group Inc. US5501ASAC Datasheet HTML 7Page - uPI Group Inc. US5501ASAC Datasheet HTML 8Page - uPI Group Inc. US5501ASAC Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
uS5501
4
uS5501-DS-F0003, Apr. 2012
www.upi-semi.com
Electrical Characteristics
(PV
CC = VCC = 12.0V, TA = 25
OC, unless otherwise specified)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
u
p
n
I
y
l
p
p
u
S
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
n
IV
O
I
-
-3
6
V
m
e
r
u
t
a
r
e
p
m
e
T
d
e
g
a
r
e
v
A
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
n
I
f
o
t
n
e
i
c
i
f
f
e
o
C
-
-5
-
-/
V
u OC
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
II
B
I
-
-5
10
5
2A
n
t
n
e
r
r
u
C
t
e
s
f
f
O
t
u
p
n
II
O
I
-
-50
5A
n
o
i
t
a
R
n
o
i
t
c
e
j
e
R
e
d
o
M
n
o
m
m
o
CR
R
M
CV
M
C
V
4
o
t
0
=0
55
8-
-B
d
o
i
t
a
R
n
o
i
t
c
e
j
e
R
y
l
p
p
u
S
r
e
w
o
PR
R
S
P
V
C
C
V
,
V
2
.
3
1
o
t
V
7
.
2
=
T
U
O
,
V
1
=
V
M
C
V
1
=
0
50
8-
-B
d
g
n
i
w
S
t
u
p
t
u
OV
T
U
O
V
,
l
e
v
e
l
h
g
i
H
C
C
V
-
T
U
O
k
2
,
Ω
V
5
.
2
o
t-
-0
0
50
0
6
V
m
k
2
,
l
e
v
e
l
w
o
L
Ω
V
5
.
2
o
t-
-0
2
10
0
3
V
,
l
e
v
e
l
h
g
i
H
C
C
V
-
T
U
O
k
0
1
,
Ω
V
5
.
2
o
t-
-0
5
10
0
2
k
0
1
,
l
e
v
e
l
w
o
L
Ω
V
5
.
2
o
t-
-0
5
10
8
1
e
g
a
t
l
o
V
l
a
i
t
n
e
r
e
f
f
i
D
l
a
n
g
i
S
e
g
r
a
L
n
i
a
G
A
D
V
R
L
k
2
=
Ω
5
10
0
1-
-V
m
/
V
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
S
t
u
p
t
u
OI
S
_
T
U
O
V
,
g
n
i
c
r
u
o
S
T
U
O
V
0
=0
10
2-
-
A
m
V
,
g
n
i
k
n
i
S
T
U
O
V
=
C
C
0
30
4-
-
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
d
n
a
L
8
-
2
x
2
N
F
D
W
s
e
g
a
k
c
a
p
r
o
f
L
8
-
3
2
T
O
S
-
-0
0
60
0
8
A
u
L
4
1
-
P
O
S
e
g
a
k
c
a
p
r
o
f-
-0
0
2
10
0
6
1
h
t
d
i
w
d
n
a
B
n
i
a
G
y
t
i
n
UB
1
C
L
F
p
0
0
2
=-
-1
-
-z
H
M
e
t
a
R
w
e
l
SR
S-
-1
-
-s
u
/
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com