Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5501ASAC Datasheet(PDF) 1 Page - uPI Group Inc.

Part # US5501ASAC
Description  Dual Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

US5501ASAC Datasheet(HTML) 1 Page - uPI Group Inc.

  US5501ASAC Datasheet HTML 1Page - uPI Group Inc. US5501ASAC Datasheet HTML 2Page - uPI Group Inc. US5501ASAC Datasheet HTML 3Page - uPI Group Inc. US5501ASAC Datasheet HTML 4Page - uPI Group Inc. US5501ASAC Datasheet HTML 5Page - uPI Group Inc. US5501ASAC Datasheet HTML 6Page - uPI Group Inc. US5501ASAC Datasheet HTML 7Page - uPI Group Inc. US5501ASAC Datasheet HTML 8Page - uPI Group Inc. US5501ASAC Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
uS5501
1
uS5501-DS-F0003, Apr. 2012
www.upi-semi.com
Dual Operational Amplifiers
with Rail-to-Rail Outputs
Wide Input Voltage Range 2.7V ~ 13.2V
Low Operation Current :
600uA Typical for WDFN2x2-8L & SOT23-8L
1200uA Typical for SOP-14L
Large DC Voltage Gain: 100dB
Rail-to-Rail Output Swing
150mV ~ V
CC - 150mV @ 10k
No Crossover Distortion
Short Circuit Protected Outputs
True Differential Input Stage
Extra Low Input Bias Currents
Industrial Temperature Range
WDFN2x2-8L, SOT23-8L, or SOP-14L Packages
RoHS Compliant and Halogen Free
r
e
b
m
u
N
r
e
d
r
Oe
p
y
T
e
g
a
k
c
a
Pg
n
i
k
r
a
M
p
o
T
8
N
D
P
1
0
5
5
S
uL
8
-
2
x
2
N
F
D
WL
D
8
A
M
B
1
0
5
5
S
uL
8
-
3
2
T
O
SB
3
2
N
C
A
S
A
1
0
5
5
S
uL
4
1
-
P
O
SC
A
1
0
5
5
S
u
Active Filters
General Purpose Low Voltage Applications
General Purpose Portable Devices
Low-Voltage Distributed Power Supplies
General Description
Applications
Ordering Information
Features
The uS5501 contains two independent, high gain, internally
frequency compensated operational amplifiers with rail-to-
rail output swing. The uS5501 operates with single power
supply over a wide range of voltage (2.7V ~ 13.2V) with
very low bias current.
Other features include a common-mode input voltage range,
1MHz unity-gain bandwidth, and 1V/us slew rate. The
uS5501 is available in WDFN2x2-8L, SOT23-8L and SOP-
14L packages.
Space-saving packages and low operation current make
the uS5501 ideal for portable electronic devices. It also
allows the designer to place the device close to the signal
source to reduce noise pickup and increase signal integrity.
Note: uPI products are compatible with the current IPC/
JEDEC J-STD-020 requirement. They are halogen-free,
RoHS compliant and 100% matte tin (Sn) plating that are
suitable for use in SnPb or Pb-free soldering processes.
Pin Configuration
IN4-
IN3+
OUT4
OUT1
IN4+
GND
IN1-
IN1+
VCC
1
2
3
411
12
13
14
uS5501ASAC
IN3-
OUT3
IN2+
IN2-
OUT2
5
6
78
9
10
GND
1
2
5
7
4
8
uS5501PDN8
6
3
OUT1
IN1-
IN1+
GND
VCC
OUT2
IN2-
IN2+
1
2
3
4
8
7
6
5
OUT1
IN1-
IN1+
GND
VCC
OUT2
IN2-
IN2+
uS5501BMA8


Similar Part No. - US5501ASAC

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
US5505 UPI-US5505 Datasheet
186Kb / 11P
High Slew Rate, High Current Drive Rail to Rail Opration Amplifier
US5506 UPI-US5506 Datasheet
170Kb / 10P
High Slew Rate, High Current Drive Rail to Rail Operation Amplifier
US5506PRA8 UPI-US5506PRA8 Datasheet
170Kb / 10P
High Slew Rate, High Current Drive Rail to Rail Operation Amplifier
US5506PRU8 UPI-US5506PRU8 Datasheet
170Kb / 10P
High Slew Rate, High Current Drive Rail to Rail Operation Amplifier
US5507 UPI-US5507 Datasheet
144Kb / 9P
High Slew Rate, High Current Drive Rail to Rail Operation Amplifier
More results

Similar Description - US5501ASAC

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
Dual Operational Amplifiers
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
Dual Operational Amplifiers
logo
Texas Instruments
LM2904DE4 TI1-LM2904DE4 Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com