Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5501ASAC Datasheet(PDF) 5 Page - uPI Group Inc.

Part # US5501ASAC
Description  Dual Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

US5501ASAC Datasheet(HTML) 5 Page - uPI Group Inc.

  US5501ASAC Datasheet HTML 1Page - uPI Group Inc. US5501ASAC Datasheet HTML 2Page - uPI Group Inc. US5501ASAC Datasheet HTML 3Page - uPI Group Inc. US5501ASAC Datasheet HTML 4Page - uPI Group Inc. US5501ASAC Datasheet HTML 5Page - uPI Group Inc. US5501ASAC Datasheet HTML 6Page - uPI Group Inc. US5501ASAC Datasheet HTML 7Page - uPI Group Inc. US5501ASAC Datasheet HTML 8Page - uPI Group Inc. US5501ASAC Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
uS5501
5
uS5501-DS-F0003, Apr. 2012
www.upi-semi.com
0
2
4
6
8
10
12
0.01
0.1
1
10
100
0
2
4
6
8
10
12
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
70
80
90
100
0.1
1.0
10.0
100.0
1000.0
10000.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
036
9
12
15
120
OC
25
OC
-40
OC
OUT (100mV/Div)
IN (100mV/Div)
IN (2V/Div)
OUT (1V/Div)
Typical Operation Characteristics
Voltage Follwer Pulse Response
Time (2us/Div)
(Small Signal)
Voltage Follower Pulse Response
Time (4us/Div)
Open Loop Frequency Response
Frequency (kHz)
V
CC = 12V
Supply Current
Supply Voltage (V)
Output Characteristics Current Sourcing
Sourceing Currrent (mA)
V
CC = 12V
Output Characteristics Current Sinking
Sinking Currrent (mA)
V
CC = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com