Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRW9UG Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRW9UG
Description  SmartRack 9U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRW9UG Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRW9UG Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRW9UG Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRW9UG Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Features
Saves Valuable Workspace
Perfect for network wiring closets, retail locations, classrooms, back offices and other areas with limited
floor space where you need equipment to be secure, organized and out of the way
q
Houses EIA-standard 19 in. rack equipment in 9U of space
q
Maximum load capacity of 200 lb.
q
Shatter-Resistant Clear Acrylic Front Window
Lets you monitor equipment without unlocking the enclosure
q
Prevents equipment tampering
q
Reduces acoustic noise
q
Provides extra visual flair
q
Keeps Important Equipment Secure
Side panels and front door lock securely to help prevent damage, tampering or theft
q
Vented panels allow generous airflow that keeps equipment cool
q
Rotate cabinet 180° before mounting to open reversible front door left or right
q
Convenient ports with removable covers allow cable routing through top and bottom
q
Easy Enclosure and Equipment Installation
Ships fully assembled for quick installation
q
Mounts to wall or rolls on floor with Tripp Lite’s optional SRCASTER caster kit
q
Wall-mounting holes spaced 16 in. apart for standard wall stud placement
q
Vertical mounting rails adjust in 7/8 in. increments to accommodate equipment up to 16.5 in. deep, such
as network switches and patch panels
q
Rails support square-hole or 12-24 threaded-hole mounting
q
Rack spaces numbered for easy reference
q
Meets Payment Card Industry Standards
Provides physical equipment and media security required for PCI DSS (Payment Card Industry Data
Security Standard) compliance
q
OVERVIEW
UPC Code
037332187291
PHYSICAL
Rack Height
9U
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com