Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRW9UG Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SRW9UG
Description  SmartRack 9U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRW9UG Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SRW9UG Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRW9UG Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRW9UG Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Maximum Device Depth (in.)
16.5
Maximum Device Depth (cm)
41.91
Minimum Device Depth (in.)
3
Minimum Device Depth (cm)
7.62
Shipping Dimensions (hwd / in.)
26.10 x 22.70 x 20.10
Shipping Dimensions (hwd / cm)
66.29 x 57.66 x 51.05
Shipping Weight (lbs.)
38.80
Shipping Weight (kg)
17.60
Unit Dimensions (hwd / in.)
19.75 x 23.63 x 17.69
Unit Dimensions (hwd / cm)
50,17 x 60,02 x 45
Unit Weight (lbs.)
34.6
Unit Weight (kg)
15.69
Color
Black
Weight Capacity - Stationary (lbs.)
200
Weight Capacity - Stationary (kg)
91
Cable Access Hole Measurement
(inches)
9.812 x 2.35 (l x w)
Maximum Device Depth (mm)
419
Minimum Device Depth (mm)
76
SPECIAL FEATURES
Grounding Lug
Front and Back door frames
CERTIFICATIONS
Certifications
UL/CSA 60950-1; EIA-310-E; IP20 Protection Rating
Approvals
RoHS
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com