Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRW9UG Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRW9UG
Description  SmartRack 9U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRW9UG Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRW9UG Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRW9UG Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRW9UG Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SmartRack 9U Low-Profile Switch-Depth Wall-
Mount Rack Enclosure Cabinet with Clear Acrylic
Window
MODEL NUMBER: SRW9UG
Wall-mount cabinet secures and organizes 9U of 19-inch rack equipment up to 16.5 inches deep in
locations with limited floor space. Clear acrylic window allows you to monitor equipment without unlocking
door.
Description
The SRW9UG SmartRack 9U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet is designed
to house EIA-standard 19-inch rack equipment in network wiring closets, retail locations, classrooms, back
offices and other areas with limited floor space where you need equipment to be secure, organized and
out of the way. Constructed from heavy-duty steel with a durable black powder-coated finish, the cabinet
has a maximum load capacity of 200 pounds.
The front door features a shatter-resistant clear acrylic window that lets you monitor equipment without
unlocking the enclosure. Not only does the window help prevent equipment tampering and reduce
acoustic noise, but it also adds visual flair to your IT installation.
The side panels and front door lock securely to help prevent damage, tampering or theft. The top, bottom
and removable side panels are vented, which allows air to flow freely and keep equipment cool. The
reversible front door can open left or right by rotating the cabinet 180° before mounting. Convenient top
and bottom ports allow easy cable routing.
The SRW9UG comes fully assembled and ready to mount to the wall, or use Tripp Lite’s optional
SRCASTER rolling caster kit to make it a mobile rack. Square and 12-24 threaded mounting holes and
numbered rack spaces make equipment installation easy. The vertical mounting rails adjust in 7/8-inch
increments to accommodate equipment up to 16.5 inches deep, such as network switches and patch
panels.
Highlights
Maximum load capacity of 200
lb.
q
Front door includes shatter-
resistant clear acrylic window
q
Locking steel cabinet vented at
sides, top and bottom
q
Secures 9U of 19 in. rack
equipment up to 16.5 in. deep
q
Mounts to wall or rolls on floor
(with optional SRCASTER)
q
Package Includes
SRW9UG SmartRack 9U Low-
Profile Switch-Depth Wall-Mount
Rack Enclosure Cabinet
q
(18) M6 screws
q
(18) M6 cage nuts
q
(18) M6 cup washers
q
(18) 12-24 screws
q
Removable mounting plate
q
(3) Mounting plate screws
q
(2) Keys
q
Owner’s manual
q
1 / 3


Similar Part No. - SRW9UG

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW9U TRIPPLITE-SRW9U Datasheet
527Kb / 3P
SmartRack 9U Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW9UDP TRIPPLITE-SRW9UDP Datasheet
548Kb / 3P
SmartRack 9U Low-Profile Switch-Depth-Plus Wall-Mount Rack Enclosure Cabinet
SRW9UDPGVRT TRIPPLITE-SRW9UDPGVRT Datasheet
171Kb / 3P
SmartRack 9U Low-Profile Switch-Depth-Plus Wall-Mount Rack Enclosure Cabinet, Wide, Acrylic Window
SRW9UDPVRT TRIPPLITE-SRW9UDPVRT Datasheet
182Kb / 3P
SmartRack 9U Low-Profile Switch-Depth-Plus Wall-Mount Rack Enclosure Cabinet, Wide
SRW9UDPW TRIPPLITE-SRW9UDPW Datasheet
203Kb / 3P
SmartRack 9U Low-Profile Switch-Depth-Plus Wall-Mount Mini Rack Enclosure, White
More results

Similar Description - SRW9UG

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW6UG TRIPPLITE-SRW6UG Datasheet
169Kb / 3P
SmartRack 6U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window
SRW6UWG TRIPPLITE-SRW6UWG Datasheet
171Kb / 3P
SmartRack 6U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, White
SRW9UDPGVRT TRIPPLITE-SRW9UDPGVRT Datasheet
171Kb / 3P
SmartRack 9U Low-Profile Switch-Depth-Plus Wall-Mount Rack Enclosure Cabinet, Wide, Acrylic Window
SRW10USG TRIPPLITE-SRW10USG Datasheet
182Kb / 3P
SmartRack 10U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
SRW12U13G TRIPPLITE-SRW12U13G Datasheet
176Kb / 3P
SmartRack 12U Very Low-Profile Patch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window
SRW12UG TRIPPLITE-SRW12UG Datasheet
181Kb / 3P
SmartRack 12U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window
SRW15USG TRIPPLITE-SRW15USG Datasheet
175Kb / 3P
SmartRack 15U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
SRW18USG TRIPPLITE-SRW18USG Datasheet
177Kb / 3P
SmartRack 18U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
SRW21UG TRIPPLITE-SRW21UG Datasheet
168Kb / 3P
SmartRack 21U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window
SRW26USG TRIPPLITE-SRW26USG Datasheet
174Kb / 4P
SmartRack 26U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com