Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT10KX Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SVT10KX
Description  SmartOnline SVTX Series 3-Phase 380/400/415V 10kVA 9kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SVT10KX Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SVT10KX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
Provides fully regulated sine wave AC output for critical telecom, network, security, financial, corporate
and light industrial applications
q
+/-1% output voltage regulation in online and battery modes
q
High 0.9 power factor offers 10kVA/9kW output capacity, allowing for more connected devices
q
Selectable 380/400/415V output voltage
q
Wide input voltage window (305–478V) minimizes battery use and prolongs battery life
q
Reliable Battery Backup with Expandable Runtime
Supports half load for 10.5 min. and full load for 3.8 min.
q
Zero transfer time suitable for advanced network applications
q
Expandable runtime with optional external battery packs, such as Tripp Lite’s BP240V135
q
Restarts automatically after lengthy power outages
q
IGBT Inverter Technology
Produces output power with less than 2% THD to keep connected equipment functioning at its peak
q
Low <6% THDi input rating and advanced IGBT rectifier enables 1:1 Generator Sizing, eliminating
costly oversizing requirements for generators, breakers and cables
q
Automatic and Manual Bypass
Increases system reliability
q
Allows maintenance without removing power from attached loads
q
ECO Mode
Operates at efficiency levels as high as 98.8% when input line conditions are favorable
q
SNMP/Web Capability
Slot for SNMP network interface and relay card for remote monitoring and control options
q
Communications Ports
DB9 and EPO ports offer local monitoring and shutdown options
q
Small-Footprint Tower Design
Reduced-size black tower case saves valuable floor space
q
Matching external battery cabinets enable extended runtime options
q
OVERVIEW
UPC Code
037332192455
2 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com