Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT10KX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SVT10KX
Description  SmartOnline SVTX Series 3-Phase 380/400/415V 10kVA 9kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SVT10KX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SVT10KX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SmartOnline SVTX Series 3-Phase 380/400/415V
10kVA 9kW On-Line Double-Conversion UPS,
Tower, Extended Run, SNMP Option
MODEL NUMBER: SVT10KX
Economical, entry-level 3-phase UPS system protects connected mission-critical equipment against
damage, downtime and data loss due to blackouts, brownouts, power surges and line noise.
Description
The SVT10KX SmartOnline® SVTX Series 3-Phase 380/400/415V 10kVA 9kW On-Line Double-
Conversion UPS with IGBT technology provides battery backup and AC power protection against power
disturbances that can damage electronics or destroy data. It’s recommended for critical IT or corporate
infrastructure, telecom, LAN/WAN, security and emergency, financial and light industrial applications.
The SVT10KX’s VFI design allows continuous operation at any supported voltage at either 50 or 60 Hz.
Zero transfer time to battery mode ensures no disruption to the attached loads. Automatic and Manual
Bypass keeps connected equipment powered even during overloads and UPS maintenance.
IGBT inverter technology produces output power with less than 2% total harmonic distortion (THD) to
keep connected equipment functioning at its peak. A 3:1 crest factor safely supports a variety of loads,
even those with wildly fluctuating power demands.
Managing the SVT10KX is simplified through the interactive front-panel LCD interface, which displays
critical operating conditions and diagnostic data, such as load levels, available runtime, alarm status,
battery charge, and voltage and frequency values. Four LEDs indicate bypass, line, battery and fault
modes. A serial port allows connection to Tripp Lite’s free local shutdown agent. A built-in card slot
supports WEBCARDLX or RELAYCARDSV for network interface and remote monitoring and control. The
SVT10KX’s reduced size and small footprint save valuable space.
Features
VFI True On-Line Double-Conversion 3-Phase UPS System
Highlights
On-line double-conversion
topology with IGBT technology
q
Voltage and Frequency
Independent (VFI) operation
q
Automatic and Manual Bypass
for enhanced reliability
q
Optional ECO mode for high-
efficiency operation
q
Internal batteries and
expandable runtime options
q
Package Includes
SVT10KX SmartOnline SVTX
Series 3-Phase 380/400/415V
10kVA 9kW On-Line Double-
Conversion UPS
q
DB9 cable
q
Owner’s manual
q
1 / 6


Similar Part No. - SVT10KX

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVT10100U PANJIT-SVT10100U Datasheet
228Kb / 5P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT10100UB PANJIT-SVT10100UB Datasheet
247Kb / 5P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Silan Microelectronics ...
SVT10111ND SILAN-SVT10111ND Datasheet
317Kb / 8P
14A, 100V N-CHANNEL MOSFET
Rev.:1.3
SVT10111NDTR SILAN-SVT10111NDTR Datasheet
317Kb / 8P
14A, 100V N-CHANNEL MOSFET
Rev.:1.3
logo
Pan Jit International I...
SVT10120V PANJIT-SVT10120V Datasheet
228Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SVT10KX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU10000RT3U TRIPPLITE-SU10000RT3U_15 Datasheet
546Kb / 6P
SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, USB, DB9 Serial, Bypass Switch
SU10000RT3UG TRIPPLITE-SU10000RT3UG Datasheet
550Kb / 6P
SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, C19 Outlets
SU10KRT3UHV TRIPPLITE-SU10KRT3UHV_15 Datasheet
538Kb / 6P
SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U, Hardwired, Bypass Switch
SUTX20K TRIPPLITE-SUTX20K Datasheet
169Kb / 6P
SmartOnline SUTX Series 3-Phase 220/380V, 230/400V, 240/415V 20kVA 20kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
SUTX40K TRIPPLITE-SUTX40K Datasheet
169Kb / 6P
SmartOnline SUTX Series 3-Phase 220/380V, 230/400V, 240/415V 40kVA 40kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
SVT20KX TRIPPLITE-SVT20KX Datasheet
177Kb / 6P
SmartOnline SVTX Series 3-Phase 380/400/415V 20kVA 18kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
SVT30KX TRIPPLITE-SVT30KX Datasheet
178Kb / 6P
SmartOnline SVTX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
S3M30KX TRIPPLITE-S3M30KX Datasheet
176Kb / 5P
SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS
S3M40KX TRIPPLITE-S3M40KX Datasheet
176Kb / 5P
SmartOnline S3MX Series 3-Phase 380/400/415V 40kVA 36kW On-Line Double-Conversion UPS
S3M60KX TRIPPLITE-S3M60KX Datasheet
178Kb / 5P
SmartOnline S3MX Series 3-Phase 380/400/415V 60kVA 54kW On-Line Double-Conversion UPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com