Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT10KX Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SVT10KX
Description  SmartOnline SVTX Series 3-Phase 380/400/415V 10kVA 9kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SVT10KX Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SVT10KX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SVT10KX Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OUTPUT
Output Volt Amp Capacity (VA)
10000
Output kVA Capacity (kVA)
10
Output Watt Capacity (Watts)
9000
Output kW Capacity (kW)
9
Output Capacity Details
Supports up to 100% load continuously in double conversion mode; Supports 100-110% load for 10 minutes, 110 to
130% load for 1 minute and greater than 130% for 1 second before switching to bypass mode; Inverter mode is
automatically restored as load levels are reduced to 70% or less
Power Factor
0.9
Crest Factor
3:1
Nominal Output Voltage(s)
Supported
220/380V 3-PH Wye; 230/400V 3-PH Wye; 240/415V 3-PH Wye
Frequency Compatibility
50 / 60 Hz
Frequency Compatibility Details
Automatic frequency selection
Output Voltage Regulation (Line
Mode)
+/- 1%
Output Voltage Regulation
(Economy Line Mode)
+/-11V of selected nominal output voltage (220V: 209-231V; 230V: 219-241; 240V: 229-251V)
Output Voltage Regulation (Battery
Mode)
+/- 1%
Output Receptacles
Hardwire
Output AC Waveform (AC Mode)
Pure Sine wave
Output AC Waveform (Battery
Mode)
Pure Sine wave
Individually Controllable Load Banks
No
INPUT
Rated input current (Maximum Load)
17.4A
Nominal Input Voltage(s) Supported
220/380V 3-PH Wye; 230/400V 3-PH Wye; 240/415V 3-PH Wye
Nominal Input Voltage Description
3-Phase Wye, 4 wire plus ground (L1, L2, L3, N, G)
UPS Input Connection Type
Hardwire
Input Phase
3-Phase
Power Factor (Input)
.99PF (100% load)
THDi
<6%
BATTERY
Full Load Runtime (min.)
3.8 min (9kW)
Half Load Runtime (min.)
10.5 min. (4.5kW)
Expandable Battery Runtime
Supports extended runtime optional external battery packs
3 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com