Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B004-DUA2-K-R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B004-DUA2-K-R
Description  2-Port DVI/USB KVM Switch with Audio and Cables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B004-DUA2-K-R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B004-DUA2-K-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B004-DUA2-K-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B004-DUA2-K-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B004-DUA2-K-R Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
the connected computers
Uses DVI-I technology, allowing for the transmission of a digital (up to 1920 x 1200) or analog (up to
2048 x 1536) signal. A DVI to VGA adapter, such as Tripp Lite's P126-000, is required for conversion to
an analog monitor.
q
To connect to a HDMI monitor, a DVI to HDMI adapter such as Tripp Lite's P132-000 is required (Audio
is not supported when converting from DVI to HDMI).
q
Full time DDC support provides the necessary EDID information for optimal video performance on
Windows 7 and other operating systems
q
Supports Microsoft® IntelliMouse® and the scrolling wheel on most mice
q
(x2) 4ft USB cables and (x2) 4ft DVI + Audio KVM cable kits included
q
Compatible with all major operating systems
q
operating systems
Package Includes
B004-DUA2-K-R
q
(x2) 4 ft. DVI-I + 3.5mm Audio
Cable kits
q
(x2) 4 ft. USB A-B Device
Cables
q
Owner's Manual
q
External Power Supply with
NEMA 1-15P Plug (Input: 100-
240V, 50/60Hz, 0.4A Output:
5V, 2A)
q
OVERVIEW
UPC Code
037332140036
Max CPU
2
INPUT
Voltage Compatibility (VAC)
100; 110; 120; 127; 200; 208; 220; 230; 240
External Power Supply Input Specs
(V / Hz / A)
100-240V / 50/60Hz / 1.0A
External Power Supply Output
Specs (V / A)
5V / 2.4A
External Power Supply Cord Length
(ft.)
5
External Power Supply DC Barrel
Connector Specs
OD: 5.5 x 2.5 x 9.5mm, Positive Pin, Negative Sleeve
External Power Supply Plug(s)
NEMA 1-15P North America
External Power Supply Certifications
FCC; UL; cUL; TUV; CB
USER INTERFACE, ALERTS & CONTROLS
LED Indicators
Green (PC 1); Blue (PC 2)
PHYSICAL
Shipping Dimensions (hwd / in.)
5.60 x 8.20 x 7.10
Shipping Dimensions (hwd / cm)
14.22 x 20.83 x 18.03
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com