Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B004-DUA2-K-R Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B004-DUA2-K-R
Description  2-Port DVI/USB KVM Switch with Audio and Cables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B004-DUA2-K-R Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B004-DUA2-K-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B004-DUA2-K-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B004-DUA2-K-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B004-DUA2-K-R Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Shipping Weight (lbs.)
2.90
Shipping Weight (kg)
1.32
Unit Packaging Type
Box
Unit Dimensions (hwd / in.)
1.1 x 6.1 x 2.9
Unit Weight (lbs.)
0.4
Unit Weight (kg)
0.18
Material of Construction
ABS
Color
Silver
ENVIRONMENTAL
Operating Temperature Range
32 to 104 F (0 to 40 C)
Storage Temperature Range
-4 to 140 F (-20 to 60 C)
Relative Humidity
0%-90% RH, Non-Condensing
BTUs
16 BTU/Hr
Power Consumption (Watts)
4.7
COMMUNICATIONS
IP Remote Access
No
CONNECTIONS
Ports
2
PC/Server Connections
DVI; USB
Side A - Connector 1
(2) DVI-I (FEMALE)
Side A - Connector 2
(2) USB B (FEMALE)
Side B - Connector 1
DVI-I (FEMALE)
Side B - Connector 2
(4) USB A (FEMALE)
Side B - Connector 3
(2) 3.5MM (FEMALE)
Computer Keyboard and Mouse
Interface
USB
Computer Monitor Interface
DVI-I Single-Link
Console Keyboard and Mouse
Interface
USB
Console Monitor Interface
DVI-I Single-Link
Connector Plating
Nickel
FEATURES & SPECIFICATIONS
Number of Users
1
NIAP-Certified Secure
No
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com