Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B004-DUA2-K-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B004-DUA2-K-R
Description  2-Port DVI/USB KVM Switch with Audio and Cables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B004-DUA2-K-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B004-DUA2-K-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B004-DUA2-K-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B004-DUA2-K-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B004-DUA2-K-R Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2-Port DVI/USB KVM Switch with Audio and
Cables
MODEL NUMBER: B004-DUA2-K-R
Description
The B004-DUA2-K-R is a 2-Port DVI/USB KVM Switch with audio and USB 2.0 peripheral sharing. It
allows you to access, control, boot and reboot two computers from a single USB keyboard, USB mouse,
and monitor. Switching between connected computers is quick and simple using keyboard hotkeys or
pushbuttons. An independent audio/mic and USB peripheral switching function allows for an uninterrupted
experience. A computer can be printing on a printer connected to one of the USB 2.0 peripheral ports,
while you listen to audio from and access another computer; all at the same time.
The B004-DUA2-K-R uses DVI-I technology, allowing for the transmission of a digital (up to 1920 x 1200)
or analog (up to 2048 x 1536) signal. A DVI to VGA adapter, such as Tripp Lite's P126-000, is required for
conversion to an analog monitor. Whichever you use, full time DDC support provides the necessary EDID
information required for optimal video performance on Windows 7 and other operating systems.
Compatible with all major operating systems.
Features
Fast, easy switching via keyboard hotkeys or pushbuttons
q
Plug-and-play setup - no software required
q
Hot-swap capability allows easy addition or removal of computers without powering down the switch or
other computers
q
Speaker and microphone connections allow for the sharing of audio components between systems
q
Independent audio/mic and USB peripheral switching function allows for an uninterrupted experience. A
computer can be printing on a printer connected to one of the USB 2.0 peripheral ports, while you listen
to audio from and access another computer; all at the same time.
q
Supports 2-Channel Stereo Audio
q
Features two USB 2.0 ports for the sharing of USB peripherals (e.g. flash drives, printers, etc.) between
q
Highlights
Control 2 computers with a
single DVI monitor, USB
keyboard and USB mouse
q
Switch ports via keyboard
hotkeys or pushbuttons
q
Allows for the sharing of audio
components between systems;
listen to music from one
computer while accessing
another
q
Features two USB 2.0 ports for
the sharing of USB peripherals
between the connected
computers
q
(x2) 4ft USB cables and (x2) 4ft
DVI + Audio KVM cable kits
included
q
Full time DDC support provides
the necessary EDID information
for optimal video performance
on Windows 7 and other
operating systems
q
Compatible with all major
operating systems
q
System Requirements
KVM Console: A DVI monitor,
USB keyboard, and USB mouse
q
Computers: DVI-I port (P118-
000 DVI-I to DVI-D Adapter is
required for computers with DVI-
D ports), and USB Port
q
Audio (Optional): A microphone
and speakers with 3.5mm Mini-
Stereo connectors and a
computer with 3.5mm Mini-
Stereo ports
q
Compatible with all major
q
1 / 4


Similar Part No. - B004-DUA2-K-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B004-DUA2-K-R ETC2-B004-DUA2-K-R Datasheet
507Kb / 5P
2-Port DVI/USB KVM Switch w/ Audio and Cables
More results

Similar Description - B004-DUA2-K-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B004-DUA2-K-R ETC2-B004-DUA2-K-R Datasheet
507Kb / 5P
2-Port DVI/USB KVM Switch w/ Audio and Cables
logo
Tripp Lite. All Rights ...
B004DUA2KR TRIPPLITE-B004DUA2KR Datasheet
497Kb / 3P
2-Port DVI-USB KVM Switch w- Audio and Cables
B004DUA4KR TRIPPLITE-B004DUA4KR Datasheet
493Kb / 3P
4-Port DVI-USB KVM Switch w-Audio and Cables
B004DUA2HRK TRIPPLITE-B004DUA2HRK Datasheet
501Kb / 3P
2-Port DVI Dual-Link - USB KVM Switch w- Audio and Cables
logo
Level One
KVM-0260 LVL1-KVM-0260 Datasheet
623Kb / 3P
2-Port Cable KVM Switch, DVI, USB, Audio
logo
Tripp Lite. All Rights ...
B004-2DUA2-K TRIPPLITE-B004-2DUA2-K Datasheet
497Kb / 4P
2-Port Dual Monitor DVI KVM Switch with Audio and USB 2.0 Hub, Cables included
B004-DUA2-HR-K TRIPPLITE-B004-DUA2-HR-K Datasheet
499Kb / 3P
2-Port DVI Dual-Link / USB KVM Switch w/ Audio and Cables
B004-DUA4-K-R TRIPPLITE-B004-DUA4-K-R Datasheet
491Kb / 3P
4-Port DVI/USB KVM Switch w/Audio and Cables
B004-DUA2HR-K TRIPPLITE-B004-DUA2HR-K Datasheet
163Kb / 3P
2-Port DVI Dual-Link / USB KVM Switch with Audio and Cables
B032-DUA2 TRIPPLITE-B032-DUA2 Datasheet
167Kb / 4P
2-Port USB/DVI Cable KVM Switch with Audio, Cables and USB Peripheral Sharing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com