Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B004-VUA2-K-R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B004-VUA2-K-R
Description  2-Port Compact USB KVM Switch with Audio and Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B004-VUA2-K-R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B004-VUA2-K-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B004-VUA2-K-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B004-VUA2-K-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Compatible with all major operating systems
q
Includes two, 6ft Cable Kits
q
Software
Owner's Manual with Warranty
Information
q
OVERVIEW
UPC Code
037332140043
Console
No
Max CPU
2
INPUT
Bus Powered
Yes
USER INTERFACE, ALERTS & CONTROLS
LED Indicators
Green (Selected PC)
PHYSICAL
Shipping Dimensions (hwd / in.)
3.00 x 7.90 x 7.80
Shipping Dimensions (hwd / cm)
7.62 x 20.07 x 19.81
Shipping Weight (lbs.)
1.80
Shipping Weight (kg)
0.82
Unit Packaging Type
Box
Unit Dimensions (hwd / in.)
1.3 x 4 x 2.6
Unit Weight (lbs.)
0.22
Unit Weight (kg)
0.10
Material of Construction
ABS
Color
Black
ENVIRONMENTAL
Operating Temperature Range
32 to 104 F (0 to 40 C)
Storage Temperature Range
-4 to 140 F (-20 to 60 C)
Relative Humidity
0%-90% RH, Non-Condensing
BTUs
1.7 BTU/Hr
Power Consumption (Watts)
0.5
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com