Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B004-VUA2-K-R Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B004-VUA2-K-R
Description  2-Port Compact USB KVM Switch with Audio and Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B004-VUA2-K-R Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B004-VUA2-K-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B004-VUA2-K-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B004-VUA2-K-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
COMMUNICATIONS
IP Remote Access
No
CONNECTIONS
Ports
2
PC/Server Connections
USB; VGA
Side A - Connector 1
(2) HD15 (FEMALE)
Side B - Connector 1
HD15 (FEMALE)
Side B - Connector 2
(2) USB A (FEMALE)
Side B - Connector 3
(2) 3.5MM (FEMALE)
Computer Keyboard and Mouse
Interface
PS/2
Computer Monitor Interface
VGA
Console Keyboard and Mouse
Interface
USB
Console Monitor Interface
VGA
Connector Plating
Nickel
FEATURES & SPECIFICATIONS
Number of Users
1
NIAP-Certified Secure
No
Port Selection
Pushbutton; Hotkey; Software
Max Supported Video Resolution
2048 x 1536 @60Hz
USB Specification
USB 1.1 (up to 12 Mbps)
Audio Specification
Stereo Audio
Cat5 KVM Switch
No
Technology
USB; VGA/SVGA; Stereo Audio
CERTIFICATIONS
Certifications
Tested to CE, FCC, RoHS, REACH
WARRANTY
Product Warranty Period
(Worldwide)
3-year limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com