Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B004-VUA2-K-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B004-VUA2-K-R
Description  2-Port Compact USB KVM Switch with Audio and Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B004-VUA2-K-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B004-VUA2-K-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B004-VUA2-K-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B004-VUA2-K-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2-Port Compact USB KVM Switch with Audio and
Cable
MODEL NUMBER: B004-VUA2-K-R
Description
The B004-VUA2-K-R is a 2-port Compact USB KVM Switch with optional audio and microphone switching
function. It allows you to access, control, boot and reboot two USB-enabled computers from a single
console (keyboard, monitor and mouse). The independent audio/mic switching function allows an
uninterrupted audio experience - you can continue listening to audio even when you switch to the other
computer.
It includes innovative, easy-to-use KVM Switcher Software for Windows and Macintosh platforms. A small
client application facilitates your KVM switching operations such as computer selection, hot key sequence
programming, auto-scanning, auto-scan delay time programming, independent or simultaneous
audio/computer switching and more. Compatible with all major operating systems.
Features
Fast, easy switching via keyboard hot keys, push buttons or software
q
Plug-and-play setup - no software required
q
Hot-swap capability allows easy addition or removal of computers without powering down the switch or
other computers
q
Speaker and microphone connections allow sharing of audio components between systems (standard
3.5 mm audio connections)
q
Independent audio switching allows you to listen to audio from one computer while switching to the
other computer
q
Supports video resolutions up to 2048 x 1536 (standard 15-pin VGA connectors)
q
Supports Microsoft® IntelliMouse® and the scrolling wheel on most mice]
q
Compact design saves desk space
q
Does not require an AC adapter
q
Highlights
Fast, easy switching via
keyboard hot keys, push buttons
or software (not required)
q
PC and Mac compatible
q
Allows sharing of audio
components between systems;
listen to music from one
computer while switching to the
other computer
q
Compact design saves desk
space
q
No AC adapter required
q
(x2) 6ft USB KVM Cable kits
and (x2) 6ft 3.5mm Audio Cable
kits included
q
Compatible with all major
operating systems
q
System Requirements
Console: VGA, SVGA or
Multisync Monitor, USB
Keyboard and USB Mouse
q
Computers: VGA, SVGA or
Multisync Monitor Port and USB
Port
q
Audio (Optional): Speakers with
standard 3.5 mm Connectors
and a computer with 3.5mm
ports
q
Compatible with all major
operating systems
q
Package Includes
Compact 2-port USB KVM
Switch with Audio
q
(2) 6ft USB KVM Cable Kits and
(2) 6ft 3.5mm Audio Cable Kits
q
CD-ROM with KVM Switcher
q
1 / 3


Similar Part No. - B004-VUA2-K-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B004-VUA2-K-R ETC2-B004-VUA2-K-R Datasheet
508Kb / 4P
2-Port Compact USB KVM Switch w/Audio and Cable
More results

Similar Description - B004-VUA2-K-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B004-VPA2-K-R ETC2-B004-VPA2-K-R Datasheet
509Kb / 4P
2-Port Compact PS/2 KVM Switch w/Audio and Cable
B004-VUA2-K-R ETC2-B004-VUA2-K-R Datasheet
508Kb / 4P
2-Port Compact USB KVM Switch w/Audio and Cable
logo
Tripp Lite. All Rights ...
B004VPA2KR TRIPPLITE-B004VPA2KR Datasheet
503Kb / 3P
2-Port Compact PS-2 KVM Switch w-Audio and Cable
B004VUA2KR TRIPPLITE-B004VUA2KR Datasheet
501Kb / 3P
2-Port Compact USB KVM Switch w-Audio and Cable
logo
Level One
KVM-0221 LVL1-KVM-0221 Datasheet
1Mb / 2P
2-Port USB KVM Switch w/ Audio
KVM-0223 LVL1-KVM-0223 Datasheet
588Kb / 3P
2-Port Cable KVM Switch, VGA, USB, Audio
KVM-0260 LVL1-KVM-0260 Datasheet
623Kb / 3P
2-Port Cable KVM Switch, DVI, USB, Audio
logo
Tripp Lite. All Rights ...
B004-DUA2-K-R TRIPPLITE-B004-DUA2-K-R Datasheet
164Kb / 4P
2-Port DVI/USB KVM Switch with Audio and Cables
B032-DUA2 TRIPPLITE-B032-DUA2 Datasheet
167Kb / 4P
2-Port USB/DVI Cable KVM Switch with Audio, Cables and USB Peripheral Sharing
B032-VUA2 TRIPPLITE-B032-VUA2 Datasheet
166Kb / 4P
2-Port USB/VGA Cable KVM Switch with Audio, Cables and USB Peripheral Sharing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com