Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM548331 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM548331
Description  222,720-Word x 12-Bit Field Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548331 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM548331 Datasheet HTML 7Page - OKI electronic componets MSM548331 Datasheet HTML 8Page - OKI electronic componets MSM548331 Datasheet HTML 9Page - OKI electronic componets MSM548331 Datasheet HTML 10Page - OKI electronic componets MSM548331 Datasheet HTML 11Page - OKI electronic componets MSM548331 Datasheet HTML 12Page - OKI electronic componets MSM548331 Datasheet HTML 13Page - OKI electronic componets MSM548331 Datasheet HTML 14Page - OKI electronic componets MSM548331 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
¡ Semiconductor
MSM548331
11/23
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Recommended Operating Conditions
DC Characteristics
Capacitance
Parameter
Symbol
Condition
Rating
Pin Voltage
VT
Ta = 25°C, with respect to VSS
–0.5 to 4.6 V
Short Circuit Output Current
IOS
Ta = 25°C
50 mA
Power Dissipation
PD
Ta = 25°C
1 W
Operating Temperature
Topr
—
0 to 70°C
Storage Temperature
Tstg
—
–55 to 150°C
Parameter
Symbol
Min.
Power Supply Voltage
VCC
3.0
Power Supply Voltage
VSS
0
"H" Input Voltage
VIH
2.1
"L" Input Voltage
VIL
–0.5
Typ.
3.3
0
VCC
0
Max.
3.6
0
VCC + 0.3
0.8
Unit
V
V
V
V
(Ta = 0 to 70°C)
Parameter
Symbol
Condition
"H" Output Voltage
VOH
IOH = –0.1 mA
"L" Output Voltage
VOL
IOL = 0.1 mA
Input Leakage Current
ILI
0 < VI < VCC
Output Leakage Current
ILO
0 < VO < VCC
Min.
2.2
—
–10
–10
Unit
V
V
mA
mA
Power Supply Current
ICC1
min. cycle
—
mA
Power Supply Voltage
ICC2
Input pin = VIL/VIH
—mA
Max.
—
0.6
10
10
50
10
(VCC = 3.0 to 3.6 V, Ta = 0 to 70°C)
Other input voltage 0 V
(During Operation)
(During Standby)
-50
Parameter
Symbol
Input Capacitance
CI
Output Capacitance
CO
Max.
7
7
Unit
pF
pF
(Ta = 25°C, f = 1 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com