Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM548331 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM548331
Description  222,720-Word x 12-Bit Field Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548331 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM548331 Datasheet HTML 8Page - OKI electronic componets MSM548331 Datasheet HTML 9Page - OKI electronic componets MSM548331 Datasheet HTML 10Page - OKI electronic componets MSM548331 Datasheet HTML 11Page - OKI electronic componets MSM548331 Datasheet HTML 12Page - OKI electronic componets MSM548331 Datasheet HTML 13Page - OKI electronic componets MSM548331 Datasheet HTML 14Page - OKI electronic componets MSM548331 Datasheet HTML 15Page - OKI electronic componets MSM548331 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
¡ Semiconductor
MSM548331
12/23
AC Characteristics (1/2)
Unit
ns
Symbol
tWCLK
Parameter
WCLK Cycle Time
ns
tWWCLH
WCLK "H" Pulse Width
ns
tWWCLL
WCLK "L" Pulse Width
ns
tWAS
Serial Write Address Input Active Setup Time
ns
tWAH
Serial Write Address Input Active Hold Time
ns
tWADH
Serial Write Address Input Inactive Hold Time
ns
tWADS
Serial Write Address Input Inactive Setup Time
ns
tWTRS
Write Transfer Instruction Setup Time
ns
tWTRH
Write Transfer Instruction Hold Time
ns
tWTDH
Write Transfer Instruction Inactive Hold Time
ns
tWTDS
Write Transfer Instruction Inactive Setup Time
ns
tWXAS
Serial Write X Address Setup Time
ns
tWXAH
Serial Write X Address Hold Time
ns
tSWE
Serial Write Data Input Enable Time
ns
tWES
Write Instruction Setup Time
ns
tWEH
Write Instruction Hold Time
ns
tWEDH
Write Instruction Inactive Hold Time
ns
tWEDS
Write Instruction Inactive Setup Time
ns
tDS
Input Data Setup Time
ns
tDH
Input Data Hold Time
ns
tWRS
WR/TR-WCLK Active Setup Time
ns
tWRH
WR/TR-WCLK Active Hold Time
ns
tWRDH
WR/TR-WCLK Inactive Hold Time
ns
tWRDS
WR/TR-WCLK Inactive Setup Time
ns
tWINS
WXINC-WCLK Active Setup Time
ns
tWINH
WXINC-WCLK Active Hold Time
ns
tWINDH
WXINC-WCLK Inactive Hold Time
ns
tWINDS
WXINC-WCLK Inactive Setup Time
ns
tWRXS
WADE/RX-WCLK Active Setup Time
ns
tWRXH
WADE/RX-WCLK Active Hold Time
ns
tWRXDH
WADE/RX-WCLK Inactive Hold Time
ns
tWRXDS
WADE/RX-WCLK Inactive Setup Time
Measurement Conditions: (VCC = 3.3 V ±0.3 V, Ta = 0 to 70°C)
ns
tIES
IE Enable Setup Time
ns
tIEH
IE Enable Hold Time
ns
tIEDS
IE Disable Setup Time
ns
tIEDH
IE Disable Hold Time
Max.
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Min.
30
13
13
5
7
7
7
5
7
7
7
5
7
3000
5
7
7
7
5
12
5
7
7
7
5
7
7
7
5
7
7
7
5
7
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com