Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM548331 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM548331
Description  222,720-Word x 12-Bit Field Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548331 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM548331 Datasheet HTML 1Page - OKI electronic componets MSM548331 Datasheet HTML 2Page - OKI electronic componets MSM548331 Datasheet HTML 3Page - OKI electronic componets MSM548331 Datasheet HTML 4Page - OKI electronic componets MSM548331 Datasheet HTML 5Page - OKI electronic componets MSM548331 Datasheet HTML 6Page - OKI electronic componets MSM548331 Datasheet HTML 7Page - OKI electronic componets MSM548331 Datasheet HTML 8Page - OKI electronic componets MSM548331 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
¡ Semiconductor
MSM548331
1/23
¡ Semiconductor
MSM548331
222,720-Word
¥ 12-Bit Field Memory
DESCRIPTION
The MSM548331 is a 2.7-Mbit, 768 bits ¥ 290 lines, Field Memory. Access is done line by line. The line
address must be set each time a line is changed.
More than two MSM548331s can be cascaded directly without any delay devices between them.
Cascading MSM548331s provides larger capacity and longer delay.
X serial address input enables random initial address setting of serial access in a page. Other than the
random address setting, MSM548331 has several types of address set modes such as line hold,
address jump to initial address and line increment.
SelfrefreshfunctionreleasestheMSM548331frombeingappliedexternalrefreshcontrolclocks even
though it contains dynamic type memory cells. MSM548331 has write mask function or input enable
function (IE), and read-data skipping function or output enable function (OE).
The MSM548331 is especially designed for digital TVs and VTRs for consumer use and video
cameras.
The MSM548331 is not designed for high end use in such applications as medical systems,
professional graphics systems which require long term picture storage, data storage systems and
others.
FEATURES
• 768 ¥ 290 ¥ 12-bit configuration
• Line by line access
• X serial address inputs for random serial initial bit address
• Asynchronous operation
• Serial read and write cycle times
Read cycle: 30 ns
Write cycle: 30 ns
• Low operating supply voltage: 3.3 V
±0.3 V
• Self-refresh
• Various address reset mode for picture processing
• Write mask function (Input enable control)
• Data skipping function (Output enable control)
• Package:
44-pin 400 mil plastic TSOP (Type II) (TSOPII44-P-400-0.80-K) (Product : MSM548331TS-K)
This version: Jan. 1998
Previous version: Dec. 1996
E2L0037-17-Y1


Similar Part No. - MSM548331

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM548332 OKI-MSM548332 Datasheet
246Kb / 23P
278,400-Word x 12-Bit Field Memory
MSM548333 OKI-MSM548333 Datasheet
423Kb / 42P
240,384-Word x 8-bit 240,384-Word x 4-bit Triple Port type Field Memory
More results

Similar Description - MSM548331

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
262,214-Word x 12-Bit Field Memory
MSM548332 OKI-MSM548332 Datasheet
246Kb / 23P
278,400-Word x 12-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM5424331 OKI-MSM5424331 Datasheet
241Kb / 34P
222,720-Word 횞 24-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com