Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX10KE Datasheet(PDF) 49 Page - Altera Corporation

Part # FLEX10KE
Description  Embedded Programmable Logic Device
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KE Datasheet(HTML) 49 Page - Altera Corporation

Back Button FLEX10KE Datasheet HTML 45Page - Altera Corporation FLEX10KE Datasheet HTML 46Page - Altera Corporation FLEX10KE Datasheet HTML 47Page - Altera Corporation FLEX10KE Datasheet HTML 48Page - Altera Corporation FLEX10KE Datasheet HTML 49Page - Altera Corporation FLEX10KE Datasheet HTML 50Page - Altera Corporation FLEX10KE Datasheet HTML 51Page - Altera Corporation FLEX10KE Datasheet HTML 52Page - Altera Corporation FLEX10KE Datasheet HTML 53Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
Altera Corporation
49
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
Table 22. FLEX 10KE 2.5-V Device DC Operating Conditions
Notes (6), (7)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level input
voltage
1.7, 0.5
× V
CCIO (8)
5.75
V
VIL
Low-level input
voltage
–0.5
0.8,
0.3
× V
CCIO (8)
V
VOH
3.3-V high-level TTL
output voltage
I OH = –8 mA DC,
VCCIO =3.00 V (9)
2.4
V
3.3-V high-level
CMOS output voltage
I OH = –0.1 mA DC,
VCCIO =3.00 V (9)
V CCIO –0.2
V
3.3-V high-level PCI
output voltage
I OH = –0.5 mA DC,
VCCIO = 3.00 to 3.60 V (9)
0.9
× V
CCIO
V
2.5-V high-level output
voltage
I OH = –0.1 mA DC,
VCCIO =2.30 V (9)
2.1
V
I OH = –1 mA DC,
VCCIO =2.30 V (9)
2.0
V
I OH = –2 mA DC,
VCCIO =2.30 V (9)
1.7
V
VOL
3.3-V low-level TTL
output voltage
I OL = 12 mA DC,
VCCIO =3.00 V (10)
0.45
V
3.3-V low-level CMOS
output voltage
I OL = 0.1 mA DC,
VCCIO =3.00 V (10)
0.2
V
3.3-V low-level PCI
output voltage
I OL = 1.5 mA DC,
VCCIO = 3.00 to 3.60 V
(10)
0.1
× V
CCIO
V
2.5-V low-level output
voltage
I OL = 0.1 mA DC,
VCCIO =2.30 V (10)
0.2
V
I OL = 1 mA DC,
VCCIO =2.30 V (10)
0.4
V
I OL = 2 mA DC,
VCCIO =2.30 V (10)
0.7
V
II
Input pin leakage
current
VI = VCCIOmax to 0 V (11)
–10
10
µA
IOZ
Tri-stated I/O pin
leakage current
VO = VCCIOmax to 0 V (11)
–10
10
µA
ICC0
VCC supply current
(standby)
VI = ground, no load, no
toggling inputs
5mA
VI = ground, no load, no
toggling inputs (12)
10
mA
RCONF
Value of I/O pin pull-
up resistor before and
during configuration
VCCIO = 3.0 V (13)
20
50
k¾
VCCIO = 2.3 V (13)
30
80
k¾



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com