Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX10KE Datasheet(PDF) 13 Page - Altera Corporation

Part # FLEX10KE
Description  Embedded Programmable Logic Device
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KE Datasheet(HTML) 13 Page - Altera Corporation

Back Button FLEX10KE Datasheet HTML 9Page - Altera Corporation FLEX10KE Datasheet HTML 10Page - Altera Corporation FLEX10KE Datasheet HTML 11Page - Altera Corporation FLEX10KE Datasheet HTML 12Page - Altera Corporation FLEX10KE Datasheet HTML 13Page - Altera Corporation FLEX10KE Datasheet HTML 14Page - Altera Corporation FLEX10KE Datasheet HTML 15Page - Altera Corporation FLEX10KE Datasheet HTML 16Page - Altera Corporation FLEX10KE Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
Altera Corporation
13
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
Figure 4. FLEX 10KE Device in Single-Port RAM Mode
Note:
(1)
EPF10K30E, EPF10K50E, and EPF10K50S devices have 88 EAB local interconnect channels; EPF10K100E,
EPF10K130E, EPF10K200E, and EPF10K200S devices have 104 EAB local interconnect channels.
EABs can be used to implement synchronous RAM, which is easier to use
than asynchronous RAM. A circuit using asynchronous RAM must
generate the RAM write enable signal, while ensuring that its data and
address signals meet setup and hold time specifications relative to the
write enable signal. In contrast, the EAB’s synchronous RAM generates its
own write enable signal and is self-timed with respect to the input or write
clock. A circuit using the EAB’s self-timed RAM must only meet the setup
and hold time specifications of the global clock.
Column Interconnect
EAB Local
Interconnect (1)
Dedicated Inputs
& Global Signals
DQ
DQ
RAM/ROM
256
× 16
512
× 8
1,024
× 4
2,048
× 2
Data In
Address
Write Enable
Data Out
4, 8, 16, 32
4, 8, 16, 32
DQ
DQ
4
8, 4, 2, 1
8, 9, 10, 11
Row Interconnect
Dedicated
Clocks
2
4, 8
Chip-Wide
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com