Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX10KE Datasheet(PDF) 21 Page - Altera Corporation

Part # FLEX10KE
Description  Embedded Programmable Logic Device
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KE Datasheet(HTML) 21 Page - Altera Corporation

Back Button FLEX10KE Datasheet HTML 17Page - Altera Corporation FLEX10KE Datasheet HTML 18Page - Altera Corporation FLEX10KE Datasheet HTML 19Page - Altera Corporation FLEX10KE Datasheet HTML 20Page - Altera Corporation FLEX10KE Datasheet HTML 21Page - Altera Corporation FLEX10KE Datasheet HTML 22Page - Altera Corporation FLEX10KE Datasheet HTML 23Page - Altera Corporation FLEX10KE Datasheet HTML 24Page - Altera Corporation FLEX10KE Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Altera Corporation
21
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
LE Operating Modes
The FLEX 10KE LE can operate in the following four modes:
■
Normal mode
■
Arithmetic mode
■
Up/down counter mode
■
Clearable counter mode
Each of these modes uses LE resources differently. In each mode, seven
available inputs to the LE—the four data inputs from the LAB local
interconnect, the feedback from the programmable register, and the
carry-in and cascade-in from the previous LE—are directed to different
destinations to implement the desired logic function. Three inputs to the
LE provide clock, clear, and preset control for the register. The Altera
software, in conjunction with parameterized functions such as LPM and
DesignWare functions, automatically chooses the appropriate mode for
common functions such as counters, adders, and multipliers. If required,
the designer can also create special-purpose functions that use a specific
LE operating mode for optimal performance.
The architecture provides a synchronous clock enable to the register in all
four modes. The Altera software can set DATA1 to enable the register
synchronously, providing easy implementation of fully synchronous
designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com