Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC111 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC111
Description  Ultra High Slew Rate, Closed Loop Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC111 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC111 Datasheet HTML 1Page - National Semiconductor (TI) CLC111 Datasheet HTML 2Page - National Semiconductor (TI) CLC111 Datasheet HTML 3Page - National Semiconductor (TI) CLC111 Datasheet HTML 4Page - National Semiconductor (TI) CLC111 Datasheet HTML 5Page - National Semiconductor (TI) CLC111 Datasheet HTML 6Page - National Semiconductor (TI) CLC111 Datasheet HTML 7Page - National Semiconductor (TI) CLC111 Datasheet HTML 8Page - National Semiconductor (TI) CLC111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales
Office/Distributors for availability and specifications.
Supply Voltage (V
CC)
±7.0V
I
OUT
Output is short circuit protected to
ground, but maximum reliability will
be maintained if I
OUT does not
exceed...
80mA
Input Voltage
±V
CC
Maximum Junction Temperature
Range
+150˚C
Operating Temperature Range
40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Solder Duration (+300˚C)
10 sec
ESD rating
1000V
Operating Ratings
Thermal Resistance
Package
(
θ
JC)(θJA)
MDIP
70˚C/W
125˚C/W
SOIC
65˚C/W
145˚C/W
Electrical Characteristics
±V
CC = ±5V, RL = 100Ω; unless specified
Symbol
Parameter
Conditions
Typ
Min/Max Ratings (Note 2)
Units
Ambient Temperature
CLC111AJ
+25˚C
−40˚C
+25˚C
+85˚C
Frequency Domain Response
SSBW
Small Signal Bandwidth
V
OUT < 0.5VPP
800
400
400
300
MHz
LSBW
Small Signal Bandwidth
V
OUT < 4.0VPP
450
250
250
200
MHz
Gain Flatness
V
OUT < 0.5VPP
GFL
Flatness
DC-50MHz
0.02
±0.1
±0.1
±0.2
dB
GFPH
Peaking
DC-200MHz
0.1
1.0
0.5
0.5
dB
GFRH
Rolloff
DC-200MHz
0.1
0.8
0.8
1.2
dB
DG
Differential Gain
R
L = 150Ω,
4.43MHz,
0.15
0.4
0.25
0.25
%
DP
Differential Phase
R
L = 150Ω,
4.43MHz
0.04
0.08
0.08
0.08
deg
Time Domain Response
TRS
Rise and Fall Time
0.5V step
0.6
0.8
0.8
1.1
ns
TRL
4.0V step
1.0
1.4
1.4
1.7
ns
TS
Settling Time to ±0.1%
2.0V Step
16
20
20
20
ns
OS1
Overshoot
4V Step
0
8
5
5
%
SR
Slew Rate
4V Step
3500
2700
2700
2300
V/µsec
Distortion And Noise Performance
HD2
2nd Harmonic Distortion
2V
PP, 20MHz
−62
−47
−50
−50
dBc
HD3
3rd Harmonic Distortion
2V
PP, 20MHz
−62
−55
−55
−52
dBc
Equivalent Output Noise
VN
Voltage
>1MHz
4.0
4.8
4.8
5.3
nV/
ICN
Current
>1MHz
1.6
4.0
3.0
3.0
pA/
Static, DC Performance
GA1
Small Signal Gain
No Load
0.996
0.994
0.994
0.992
V/V
GA2
Small Signal Gain
100
Ω Load
.98
.96
.97
.97
V/V
RO
Output Resistance
DC
1.4
3.0
2.0
2.0
Ω
VIO
Output Offset Voltage (Note 3)
2
17
9
9
mV
DVIO
Average Temperature
Coefficient
±30
±100
-
±50
µV/˚C
IBN
Input Bias Current (Note 3)
5
30
15
15
µA
DIBN
Average Temperature
Coefficient
50
±187
-
±100
nA/˚C
PSRR
Power Supply Rejection Ratio
−52
−48
−48
−46
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com