Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC111 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC111
Description  Ultra High Slew Rate, Closed Loop Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC111 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC111 Datasheet HTML 1Page - National Semiconductor (TI) CLC111 Datasheet HTML 2Page - National Semiconductor (TI) CLC111 Datasheet HTML 3Page - National Semiconductor (TI) CLC111 Datasheet HTML 4Page - National Semiconductor (TI) CLC111 Datasheet HTML 5Page - National Semiconductor (TI) CLC111 Datasheet HTML 6Page - National Semiconductor (TI) CLC111 Datasheet HTML 7Page - National Semiconductor (TI) CLC111 Datasheet HTML 8Page - National Semiconductor (TI) CLC111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CLC111
Ultra High Slew Rate, Closed Loop Buffer
General Description
The CLC111 is a high performance, closed loop, monolithic
buffer
designed
for
applications
requiring
very
high
frequency signals. The CLC111’s high performance includes
an extremely fast 800MHz small signal bandwidth (0.5
pp)
and an ultra high (3500V/µs) slew rate while requiring only
10.5mA quiescent current. Signal fidelity is maintained with
low harmonic distortion (−62dBc 2nd and 3rd harmonics at
20MHz). These performance characteristics are for a
demanding 100
Ω load.
Featuring a patented closed loop design, the CLC111 offers
nearly ideal unity gain (0.996) with a very low (1.4
Ω) output
impedance. The CLC111 is ideally suited for buffering video
signals with its 0.15%/0.04˚ differential gain and phase
performance at 4.43MHz. Power sensitive applications will
benefit from the CLC111’s excellent performance on reduced
or single supply voltages.
Constructed using an advanced, complementary bipolar
process
and
National’s
proven
high
performance
architectures, the CLC111 is available in several versions to
meet a variety of requirements.
Enhanced Solutions (Military/Aerospace)
SMD Number: contact factory
Space level versions also available.
For more information, visit http://www.national.com/mil
Features
n
Very wideband (800MHz)
n
Ultra high (3500V/µs) slew rate
n
Very low output impedance (1.4
Ω)
n
Low (−62dBc) 2nd/3rd harmonics @ 20MHz
n
60mA output current (±5 supplies)
n
Single supply operation (0 to 3V supply min.)
n
Evaluation boards and Spice models
Applications
n
Video switch buffers
n
Test point drivers
n
High frequency active filters
n
Wideband DC clamping buffer
n
High-speed peak detector circuits
Connection Diagram
Pulse Response for ±5V
DS012720-1
DS012720-2
Pinout
DIP & SOIC
February 2001
© 2001 National Semiconductor Corporation
DS012720
www.national.com


Similar Part No. - CLC111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AI NSC-CLC110AI Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AJE NSC-CLC110AJE Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AJP NSC-CLC110AJP Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AM NSC-CLC110AM Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
More results

Similar Description - CLC111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
Closed-Loop High Speed Buffer
07-Mar-2093
logo
National Semiconductor ...
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
730MHz Closed Loop Buffer
December 1995
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
Closed-Loop High Speed Buffer
REV. 0
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com