Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC111 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC111
Description  Ultra High Slew Rate, Closed Loop Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC111 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC111 Datasheet HTML 2Page - National Semiconductor (TI) CLC111 Datasheet HTML 3Page - National Semiconductor (TI) CLC111 Datasheet HTML 4Page - National Semiconductor (TI) CLC111 Datasheet HTML 5Page - National Semiconductor (TI) CLC111 Datasheet HTML 6Page - National Semiconductor (TI) CLC111 Datasheet HTML 7Page - National Semiconductor (TI) CLC111 Datasheet HTML 8Page - National Semiconductor (TI) CLC111 Datasheet HTML 9Page - National Semiconductor (TI) CLC111 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application Division
Operation
the CLC111 is a low-power, very high speed unity gain buffer.
It uses a closed loop topology which allows for accuracy not
usually found in high speed open loop buffers. A slew
enhanced front end allows for low quiescent power while not
sacrificing AC performance.
Single Supply Operation
Although the CLC111 is specified to operate from split ±5V
power supplies, there is no internal ground reference that
prevents operation from a single voltage power supply. For
single supply operation, the input signal should be biased at
a DC value of 1/2V
CC. This can be accomplished by AC
coupling and rebiasing, as shown in
Figure 1.
The
above
electrical
specifications
provide
typical
performance specifications for the CLC111 at 25˚ C while
operating from a single +3V or a single +5V power supply.
Printed Circuit Layout and Supply Bypassing
As with any high frequency device, a good PCB layout is
required for optimum performance. This is especially
important for a device as fast as the CLC111.
To minimize capacitive feedthrough, pins 2, 3, 6, and 7
should be connected to the ground plane, as shown in
Figure 1. Input and output traces should be laid out as
transmission lines with the appropriate termination resistors
very near the CLC111. On a 0.065 inch epoxy PCB material,
a 50 transmission line (commonly called stripline) can be
constructed by using a trace width of 0.01” over a complete
ground plane.
Figure 1 shows recommended power supply bypassing.
The ferrite beads are optional and are recommended only
where additional isolation is needed from high frequency
(>400MHz) resonances in the power supply.
Parasitic or load capacitance directly on the output of the
CLC111 will introduce additional phase shift in the device.
This phase shift can decrease phase margin and increase
frequency response peaking. A small series resistor before
the capacitance effectively decouples this effect. The graphs
in this data sheet illustrate the required resistor value and the
resulting performance vs. capacitance.
Precision buffed resistors (PRP8351 series from Precision
Resistive Products), which have low parasitic reactances,
were used to develop the data sheet specifications.
Precision
carbon
composition
resistors
or
standard
spirally-trimmed RN55D metal file resistors will work, though
they will cause a slight degradation of AC performance due
to their reactive nature at high frequencies.
Evaluation Boards
Evaluation boards are available from National as part
numbers CLC730012 (DIP) and CLC730045 (SOIC). This
board was used in the characterization of the device and
provides optimal performance. Designers are encouraged to
copy these printed circuit board layouts for their applications.
DS012720-21
FIGURE 1. Recommended Circuit & Evaluation Board Schematic
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com