Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC114 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC114
Description  Quad, Low Power Video Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC114 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC114 Datasheet HTML 1Page - National Semiconductor (TI) CLC114 Datasheet HTML 2Page - National Semiconductor (TI) CLC114 Datasheet HTML 3Page - National Semiconductor (TI) CLC114 Datasheet HTML 4Page - National Semiconductor (TI) CLC114 Datasheet HTML 5Page - National Semiconductor (TI) CLC114 Datasheet HTML 6Page - National Semiconductor (TI) CLC114 Datasheet HTML 7Page - National Semiconductor (TI) CLC114 Datasheet HTML 8Page - National Semiconductor (TI) CLC114 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
±7V
I
OUT
Output is short circuit protected to
ground, but maximum reliability will
be maintained if I
OUT does not
exceed...
30mA
Input Voltage
±V
CC
Maximum Junction Temperature
+150˚C
Operating Temperature Range
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering 10 sec)
+300˚C
ESD Rating
500V
Operating Ratings
Thermal Resistance
Package
(
θ
JC)(θJA)
MDIP
65˚C/W
115˚C/W
SOIC
55˚C/W
125˚C/W
Electrical Characteristics
(V
CC = ±5V,RL = 100Ω; Unless Specified)
Symbol
Parameter
Conditions
Typ
Max/Min Ratings
(Note 2)
Units
Ambient Temperature
CLC114AI
+25˚C
−40˚C
+25˚C
+85˚
Frequency Domain Response
SSBW
-3dB Bandwidth
V
OUT <0.5VPP
200
>135
>135
>120
MHz
LSBW
V
OUT<2VPP
95
>70
>70
>70
MHz
Gain Flatness
V
OUT< 0.5VPP
GFPL
Peaking
DC to 30MHz
0.0
<0.3
<0.2
<0.3
dB
GFPH
Peaking
30MHz to 200MHz
0.0
<1.3
<0.7
<0.7
dB
GFR
Rolloff
DC to 60MHz
0.1
<0.8
<0.8
<1.0
dB
XT
Crosstalk (All Hostile)
10MHz
62
>58
>58
>60
dB
Time Domain Response
TRS1
Rise and Fall Time
0.5V Step
1.8
<2.8
<2.8
<3.0
ns
TRS2
2V Step
5
<7
<7
<8ns
TS1
Settling Time to 0.1%
2V Step
10
<15
<15
<20
ns
TS01
to 0.01%
2V Step
20
<30
<30
<40
ns
OS
Overshoot
0.5V Step
3
<15
<10
<15
%
SR
Slew Rate
450
>180
>200
>180
V/µs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2V
PP,20MHz
−50
<−34
<−38
<−38
dBc
HD3
3rd Harmonic Distortion
2V
PP,20MHz
−58
<−50
<−50
<−45
dBc
Equivalent Input Noise
SNF
Noise Floor
>1MHz
−155
<−153
<−153
<−153
dBm
1Hz
Static, DC Performance
GA
Small Signal Gain
100
Ω Load
0.97
>0.95
>0.96
>0.96
V/V
ILIN
Integral Endpoint Linearity
±1V, Full Scale
0.4
<1.0
<0.6
<0.5
%
VIO
Output Offset Voltage(Note 3)
±0.5
<±8.2
<±5.0
<±8.0
mV
DVIO
Average Temperature Coefficient
±9.0
<±40
–
<±30
µV/˚C
IBN
Input Bias Current (Note 3)
±1.0
<±10
<±5
<±4µA
DIBN
Average Temperature Coefficient
±6.0
<±62
–
<±25
nA/˚C
PSRR
Power Supply Rejection Ratio
56
>48
>48
>46
dB
ICC
Supply Current, Total (Note 3)
No Load, Quiescent
12.0
<17.0
<16.5
<16.0
mA
Miscellaneous Performance
RIN
Input Resistance
1.5
>0.3
>1.0
>2.0
M
Ω
CIN
Input Capacitance
1.8
<3.5
<3.0
<3.5
pF
RO
Output Impedance
DC
2.5
<5.0
<3.5
<3.5
Ω
VO
Output Voltage Range
No Load
±4.0
>±3.6
>±3.8
>±3.8
V
IO
Output Current
25
>12
>20
>25
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com