Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC114 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC114
Description  Quad, Low Power Video Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC114 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC114 Datasheet HTML 1Page - National Semiconductor (TI) CLC114 Datasheet HTML 2Page - National Semiconductor (TI) CLC114 Datasheet HTML 3Page - National Semiconductor (TI) CLC114 Datasheet HTML 4Page - National Semiconductor (TI) CLC114 Datasheet HTML 5Page - National Semiconductor (TI) CLC114 Datasheet HTML 6Page - National Semiconductor (TI) CLC114 Datasheet HTML 7Page - National Semiconductor (TI) CLC114 Datasheet HTML 8Page - National Semiconductor (TI) CLC114 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CLC114
Quad, Low Power Video Buffer
General Description
The CLC114 is a high performance, close loop quad buffer
intended for power sensitive applications. Requiring only
30mW of quiescent power dissipation per channel (±5V
supplies), the CLC114 offers a small signal bandwidth of
200MHz (0.5Vpp) and a slew rate of 450V/µs.
Designed specifically for high density crosspoint switch and
analog multiplexer applications, the CLC114 offers excellent
linearity and wide channel isolation (62dB @ 10MHz). Driving
a typical crosspoint switch load, the CLC114 offers differen-
tial gain and phase performance of 0.08% and 0.1% gain
flatness through 30MHz is typically 0.1dB.
With its patented closed loop topology , the CLC114 has
significant performance advantages over conventional open
loop designs. Applications requiring low output impedance
and true unity gain stability through very high frequencies
(active filters, dynamic load buffering, etc.) Will benefit from
the CLC114’s superior performance.
Constructed using an advanced, complementary bipolar pro-
cess and National’s proven high speed architectures, the
CLC114 is available in several versions to meet a variety of
requirements.
Enhanced Solutions (Military/Aerospace)
SMD Number: 5962-92339
*Space level versions also available.
*For more information, visit http://www.national/com/mil
Features
n
Closed loop, quad buffer
n
200MHz small signal bandwidth
n
450V/us slew rate
n
Low power, 30mW per channel (±5V sup.)
n
62dB channel isolation (10MHz)
n
Specified for crosspoint switch loads
Applications
n
Video crosspoint switch driver
n
Video distribution buffer
n
Video switching buffer
n
Video signaling multiplexing
n
Instrumentation amps
n
Active filters
Typical Application
Small Signal Pulse Response
DS012738-10
DS012738-21
February 2001
© 2001 National Semiconductor Corporation
DS012738
www.national.com


Similar Part No. - CLC114

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AI NSC-CLC110AI Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AJE NSC-CLC110AJE Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AJP NSC-CLC110AJP Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AM NSC-CLC110AM Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
More results

Similar Description - CLC114

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
August 1999
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
STMicroelectronics
TSH122 STMICROELECTRONICS-TSH122 Datasheet
583Kb / 16P
Ultra low power video buffer,filter with power-down
04-Aug-2008
logo
Wolfson Microelectronic...
WM8946 WOLFSON-WM8946 Datasheet
2Mb / 175P
Stereo Low-Power CODEC with Video Buffer
logo
Cirrus Logic
WM8944B CIRRUS-WM8944B Datasheet
2Mb / 165P
Mono Low-Power CODEC with Video Buffer
WM8946 CIRRUS-WM8946 Datasheet
3Mb / 173P
Stereo Low-Power CODEC with Video Buffer
logo
ON Semiconductor
74LVX125 ONSEMI-74LVX125 Datasheet
316Kb / 9P
Low Voltage Quad Buffer
February 2008 Rev. 1.4.0
logo
Renesas Technology Corp
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com