Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC114 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC114
Description  Quad, Low Power Video Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC114 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC114 Datasheet HTML 1Page - National Semiconductor (TI) CLC114 Datasheet HTML 2Page - National Semiconductor (TI) CLC114 Datasheet HTML 3Page - National Semiconductor (TI) CLC114 Datasheet HTML 4Page - National Semiconductor (TI) CLC114 Datasheet HTML 5Page - National Semiconductor (TI) CLC114 Datasheet HTML 6Page - National Semiconductor (TI) CLC114 Datasheet HTML 7Page - National Semiconductor (TI) CLC114 Datasheet HTML 8Page - National Semiconductor (TI) CLC114 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics (Continued)
(V
CC = ±5V,RL = 100Ω; Unless Specified)
Symbol
Parameter
Conditions
Typ
Max/Min Ratings
(Note 2)
Units
Performance Driving a Crosspoint Switch
Gain Flatness
V
OUT < 2VPP
DC to 5MHz
±0.02
dB
Gain Flatness
V
OUT < 2VPP
DC to 30MHZ
±0.1
dB
Differential Gain
3.58 & 4.43MHz
0.08
%
Differential Phase
3.58 & 4.43MHz
0.1
deg
2nd Harmonic Distortion
5MHz,2V
PP
−60
dBc
30MHz,2V
PP
−43
dBc
3rd Harmonic Distortion
5MHz,2V
PP
−58
dBc
30MHz,2V
PP
−43
dBc
Crosstalk (All Hostile)
5MHz
58
dB
10MHz
54
dB
30MHz
42
dB
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined
from tested parameters.
Note 3: AJ-level: spec. is 100% tested at +25˚C.
Test Load
DS012738-22
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com