Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYG10Y Datasheet(PDF) 2 Page - Protek Devices

Part # PBYG10Y
Description  1.5A GLASS PASSIVATED RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PBYG10Y Datasheet(HTML) 2 Page - Protek Devices

  PBYG10Y Datasheet HTML 1Page - Protek Devices PBYG10Y Datasheet HTML 2Page - Protek Devices PBYG10Y Datasheet HTML 3Page - Protek Devices PBYG10Y Datasheet HTML 4Page - Protek Devices PBYG10Y Datasheet HTML 5Page - Protek Devices PBYG10Y Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
05602.R0 1/19
Page 2
PBYG10Y
ISO 9001: 2015 CERTIFIED
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Forward Surge Current, 8.3ms single half-sine wave superimposed on rated load.
I
FSM
50
Amps
Typical Thermal Resistance - Lead
R
ΘJL
40
°C/W
Typical Thermal Resistance - Ambient
R
ΘJA
80
°C/W
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
REPETITIVE
PEAK
REVERSE
VOLTAGE
V
RRM
VOLTS
MINIMUM
RMS
VOLTAGE
V
RMS
VOLTS
MAXIMUM
DC
BLOCKING
VOLTAGE
V
DC
VOLTS
MAXIMUM
AVERAGE
FORWARD
RECTIFIED
CURRENT
I
F(AV)
AMPS
MAXIMUM
FORWARD
VOLTAGE
@1.5A
V
F
VOLTS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ V
RRM
I
R
µA
PBYG10Y
BYG10Y
1600
1120
1600
1.5
1.15
1
FIGURE 1
FORWARD CURRENT DERATING CURVE
0
0.4
0.8
1.2
T
A - Ambient Temperature - °C
0
25
50
75
100
125
150
175
1.6
FIGURE 2
TYPICAL FORWARD CHARACTERISTICS
V
F - Forward Voltage - V
0
0.5
1.0
1.5
2.0
2.5
3.0
0.001
0.01
0.1
1.2
100
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com