Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYG10Y Datasheet(PDF) 3 Page - Protek Devices

Part # PBYG10Y
Description  1.5A GLASS PASSIVATED RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PBYG10Y Datasheet(HTML) 3 Page - Protek Devices

  PBYG10Y Datasheet HTML 1Page - Protek Devices PBYG10Y Datasheet HTML 2Page - Protek Devices PBYG10Y Datasheet HTML 3Page - Protek Devices PBYG10Y Datasheet HTML 4Page - Protek Devices PBYG10Y Datasheet HTML 5Page - Protek Devices PBYG10Y Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Only One Name Means ProTek’Tion™
05602.R0 1/19
Page 3
PBYG10Y
ISO 9001: 2015 CERTIFIED
TYPICAL DEVICE CHARACTERISTICS
FIGURE 3
MAXIMUM NON-REPTITIVE FORWARD SURGE CURRENT
Number of Cycles @ 60Hz
0
10
100
0
10
20
40
30
50
FIGURE 4
TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage - %
0
20
40
60
80
100
0.01
0.1
10
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com