Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYG10Y Datasheet(PDF) 1 Page - Protek Devices

Part # PBYG10Y
Description  1.5A GLASS PASSIVATED RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PBYG10Y Datasheet(HTML) 1 Page - Protek Devices

  PBYG10Y Datasheet HTML 1Page - Protek Devices PBYG10Y Datasheet HTML 2Page - Protek Devices PBYG10Y Datasheet HTML 3Page - Protek Devices PBYG10Y Datasheet HTML 4Page - Protek Devices PBYG10Y Datasheet HTML 5Page - Protek Devices PBYG10Y Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
05602.R0 1/19
Page 1
PBYG10Y
1.5A GLASS PASSIVATED RECTIFIER DIODE
ISO 9001: 2015 CERTIFIED
APPLICATIONS
• Rectification in Power Supplies
• Freewheeling Diode For Consumer Electronics, Automotive & Telecom
FEATURES
• Glass Passivated Chip
• Low Power Loss
• Low Forward Voltage Drop
• Low Reverse Current
• Low Forward Voltage Drop
• RoHS Compliant
• REACH Compliant
MECHANICAL CHARACTERISTICS
• Molded JEDEC DO-214AC Package
• Approximate Weight: 0.06 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Terminal: Solderable per MIL-STD-750, Method 2026
• Flammability Rating UL 94V-0
PIN CONFIGURATION
DO-214AC PACKAGE
1
2


Similar Part No. - PBYG10Y

ManufacturerPart #DatasheetDescription
logo
Alpha Electronics Corp.
PBY0.4F10 ALPHAELECTRONICS-PBY0.4F10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PBY0.4F2 ALPHAELECTRONICS-PBY0.4F2 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PBY0.4G10 ALPHAELECTRONICS-PBY0.4G10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PBY0.4G2 ALPHAELECTRONICS-PBY0.4G2 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PBY0.4L10 ALPHAELECTRONICS-PBY0.4L10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
More results

Similar Description - PBYG10Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5391G DIODES-1N5391G Datasheet
59Kb / 2P
1.5A GLASS PASSIVATED RECTIFIER
DS30194 Rev. A-2
LT1501G DIODES-LT1501G Datasheet
55Kb / 2P
1.5A GLASS PASSIVATED RECTIFIER
DS29005 Rev. B-3
W005G DIODES-W005G Datasheet
52Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
1N5391G DIODES-1N5391G_1 Datasheet
72Kb / 3P
1.5A GLASS PASSIVATED RECTIFIER
DS30194 Rev. 3 - 2
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Protek Devices
PAM38DOAC10Y PROTEC-PAM38DOAC10Y Datasheet
463Kb / 6P
1.5A GLASS PASSIVATED RECTIFIER DIODE
logo
Zibo Seno Electronic En...
DBF1505 ZSELEC-DBF1505 Datasheet
162Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
PG151 ZSELEC-PG151 Datasheet
132Kb / 2P
1.5A GLASS PASSIVATED RECTIFIER
PG5391 ZSELEC-PG5391 Datasheet
132Kb / 2P
1.5A GLASS PASSIVATED RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB152 YFWDIODE-DB152 Datasheet
436Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com