Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9278 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9278
Description  IC for 10.00 ??30.00 MHz VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9278 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9278_10 Datasheet HTML 1Page - Micro Analog systems MAS9278_10 Datasheet HTML 2Page - Micro Analog systems MAS9278_10 Datasheet HTML 3Page - Micro Analog systems MAS9278_10 Datasheet HTML 4Page - Micro Analog systems MAS9278_10 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DA9278.004
11 November, 2010
2 (5)
PIN DESCRIPTION
Pin Description
Symbol
x-coordinate
y-coordinate
Power Supply Voltage
VDD
177
172
Serial Bus Data Input
DA
435
1015
Serial Bus Clock Input
CLK
201
1015
Programming Input
PV
1042
1015
Voltage Control Input
VC
1012
158
Crystal Oscillator Output
X1
374
158
Power Supply Ground
VSS
830
1008
Crystal/Varactor Oscillator Input
X2
817
158
Buffer Output
OUT
665
1015
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or
left floating. Make sure that GND is the first pad to be bonded. Pick-and-place and all component assembly are
recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
6.0
V
Input Voltage
VIN
VSS -0.3
VDD + 0.3
V
1)
Power Dissipation
PMAX
20
mW
Storage Temperature
TST
-55
150
oC
Note: Not valid for programming pin PV.
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.7
2.8
5.5
V
Supply Current
ICC
Vcc = 2.8 Volt
0.85
mA
Operating Temperature
TC
-30
+85
oC
Crystal Load Capacitance
CL
7.0
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com