Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9278 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9278
Description  IC for 10.00 ??30.00 MHz VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9278 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9278_10 Datasheet HTML 1Page - Micro Analog systems MAS9278_10 Datasheet HTML 2Page - Micro Analog systems MAS9278_10 Datasheet HTML 3Page - Micro Analog systems MAS9278_10 Datasheet HTML 4Page - Micro Analog systems MAS9278_10 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DA9278.004
11 November, 2010
5 (5)
ORDERING INFORMATION
Product Code
Version
Package
Comments
MAS9278ATG1
A
EWS tested wafers 215 µm
Larger range of VC sensitivity
MAS9278A
A
SMD Package TBD
Larger range of VC sensitivity
MAS9278B1TG00
B
EWS tested wafers 215 µm
Smaller range of VC sensitivity
See DAE9278 page 4 for definition of versions.
Please contact Micro Analog Systems Oy for other wafer thickness options.
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kutomotie 16
FI-00380 Helsinki, FINLAND
Tel. +358 10 835 1100
Fax +358 10 835 1119
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits
shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no
claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and
Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or
modification.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com