Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9278 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9278
Description  IC for 10.00 ??30.00 MHz VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9278 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9278_10 Datasheet HTML 1Page - Micro Analog systems MAS9278_10 Datasheet HTML 2Page - Micro Analog systems MAS9278_10 Datasheet HTML 3Page - Micro Analog systems MAS9278_10 Datasheet HTML 4Page - Micro Analog systems MAS9278_10 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DA9278.004
11 November, 2010
3 (5)
ELECTRICAL CHARACTERISTICS
(recommended operation conditions)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Frequency Range
fo
10.00
30.00
MHz
Voltage Control Range
VC
0
Vdd
Voltage Control Sensitivity
VCSENS
15..30
ppm/V
1)
Output Voltage (10kΩ // 10 pF)
Vout
1.0
Vpp
Compensation CDAC1 (2 Bit)
CX1
C10
C10 + 4.5
pF
2)
Compensation CDAC2 (4 Bit)
CX2
C20
C20 + 18
pF
3)
Startup Time
TSTART
2
ms
Note 1: programmable by DN/DP switches
Note 2: typ C10 = 4.5 pF
Note 3: typ C20 = 12.5 pF
IC OUTLINES
Note 1: MAS9278 pads are round with 80 µm diameter at opening.
Note 2: Pins CLK and DA can either be connected to VSS or left floating and pin PV can either be connected to
VDD or left floating in VCXO module end-user application.
Note 3: Die map reference is the actual left bottom corner of the sawn chip.
1200 µm
Die map reference
VDD
CLK
PV
OUT
X2
VSS
X1
VC
MAS9278
DA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com