Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505BA1Q1706 Datasheet(PDF) 24 Page - Micro Analog systems

Part # MAS6505BA1Q1706
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1Q1706 Datasheet(HTML) 24 Page - Micro Analog systems

Back Button MAS6505BA1Q1706 Datasheet HTML 20Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 21Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 22Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 23Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 24Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 25Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 26Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 27Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 28Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
DA6505.005
11 June 2018
24 (44)
TEMPERATURE GAIN TRIM REGISTER (FD/7DHEX)
Temperature gain trim register (FD/7DHEX) is for
configuring analog front end (AFE) gain (GAINT)
setting for the temperature measurement. There are
32 selectable gain options from 1x (0dB) to 55.8x
(34.9dB). The gain setting 1x bypasses the AFE and
connects the input signal directly to the ADC input.
See table 9.
The polarity of temperature measurement gain is
selected by additional sign bit (SGNGAINT).
Note that to select trim data from registers there
must be also set TRIM=01 or 10 in the Trim and
test register (FA/7AHEX). After power up the
default setting is TRIM=00 which selects all trim
data from EEPROM.
The Temperature gain trim value needs to be stored
into Temperature gain trim data EEPROM address
(BD/3DHEX) since by default (TRIM=00) the trimming
value is read from the EEPROM before every
temperature measurement.
See also chapters AFE AND ADC INPUT SIGNAL
RANGE DEFINITIONS and AFE GAIN AND ADC
OFFSET SELECTIONS which describes how the
GAIN and OFS settings define the sensor input
signal range and how to choose optimal values.
Table 9. Temperature gain trim register (FD/7DHEX) description
Bit
Number
Bit Name
Description
Value
Function
7-6
-
-
X
-
5
SGNGAINT
Temperature Measurement Gain Sign
0
1
Positive
Negative
4-0
GAINT
Temperature Measurement Gain
00000
00001
00010
00011
00100
00101
00110
00111
01000
01001
01010
01011
01100
01101
01110
01111
10000
10001
10010
10011
10100
10101
10110
10111
11000
11001
11010
11011
11100
11101
11110
11111
1x (0dB), ISRT=1400mVpp
4.7x (13.4dB), ISRT=298mVpp
5.1x (14.2dB), ISRT=275mVpp
5.6x (15dB), ISRT=250mVpp
6x (15.6dB), ISRT=233mVpp
6.5x (16.3dB), ISRT=215mVpp
7.1x (17dB), ISRT=197mVpp
7.7x (17.7dB), ISRT=182mVpp
8.4x (18.5dB), ISRT=167mVpp
9.1x (19.2dB), ISRT=154mVpp
9.9x (19.9dB), ISRT=141mVpp
10.7x (20.6dB), ISRT=131mVpp
11.6x (21.3dB), ISRT=121mVpp
12.6x (22dB), ISRT=111mVpp
13.8x (22.8dB), ISRT=101mVpp
14.9x (23.5dB), ISRT=94mVpp
16.2x (24.2dB), ISRT=86.4mVpp
17.6x (24.9dB), ISRT=79.5mVpp
19.1x (25.6dB), ISRT=73.3mVpp
20.7x (26.3dB), ISRT=67.6mVpp
22.5x (27dB), ISRT=62.2mVpp
24.5x (27.8dB), ISRT=57.1mVpp
26.6x (28.5dB), ISRT=52.6mVpp
28.8x (29.2dB), ISRT=48.6mVpp
31.3x (29.9dB), ISRT=44.7mVpp
34x (30.6dB), ISRT=41.2mVpp
36.9x (31.3dB), ISRT=37.9mVpp
40.1x (32.1dB), ISRT=34.9mVpp
43.5x (32.8dB), ISRT=32.2mVpp
47.3x (33.5dB), ISRT=29.6mVpp
51.3x (34.2dB), ISRT=27.3mVpp
55.8x (34.9dB), ISRT=25.1mVpp
X = Don
’t care
Note: Corresponding temperature measurement input signal range at sensor input is ISRT=ISRADC/GAINT=1400mVpp/GAINT at
VDDS=1.68V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com