Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505BA1Q1706 Datasheet(PDF) 36 Page - Micro Analog systems

Part # MAS6505BA1Q1706
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1Q1706 Datasheet(HTML) 36 Page - Micro Analog systems

Back Button MAS6505BA1Q1706 Datasheet HTML 32Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 33Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 34Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 35Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 36Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 37Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 38Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 39Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 40Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
DA6505.005
11 June 2018
36 (44)
EXTERNAL TEMPERATURE DIODE TEMPERATURE SENSING
The MAS6505 supports temperature sensing using an external temperature sensing diode. This is selected by
setting TSENSOR=1 in the Temperature sensor configuration register (FB/7BHEX). In this configuration the
external temperature sensing diode is connected between VDDS (anode) and TD (cathode). During temperature
measurement the MAS6505 sinks a constant 10 µA bias current from the external temperature sensing diode and
the temperature dependent diode forward voltage (VF~390mV @ 10
A) is measured.
Figure 11. External temperature diode temperature sensing circuit illustration
The external temperature diode forward voltage has roughly -2.2mV/C temperature dependency as follows.
VF(T)=390mV-2.2mV/°C*(T-25°C)
Equation 14
Following AFE and ADC settings must be used to avoid external diode signal VF(T) clipping.
GAIN=-1 (GAINT= 1, SGNGAINT=1)
OFS%=100%*(-390mV)/1400mV
 -28% => OFST%= -28%
Unity AFE gain needs to be used to keep the large diode voltage within input signal range of the ADC. Negative
gain value is for achieving positive temperature dependency in the AD conversion result. The ADC offset setting
needs to be negative since the negative gain value reverses signal polarity at the ADC input. The above GAIN
and OFS% settings correspond to following input signal range limits.
VINMIN =1400mV*(-0.5-28%/100%)/(-1)
 +1092mV
VINMAX=1400mV*(0.5-28%/100%)/(-1)
 -308 mV
VINLINMIN =1400mV*(-0.5*80%-28%/100%)/(-1)
 +952mV
VINLINMAX=1400mV*(0.5*80%-28%/100%)/(-1)
 -168mV
From equation 14 we can calculate that the temperature diode signal is between 247mV and 533mV in
temperature range from -40°C to +90°C. Figure 12a shows falling temperature diode voltage signal VF (blue line)
and overall (red continuous lines) and linear (red dashed lines) input signal range limits.
Using equation 10 the corresponding ADC output code can be also calculated. Figure 12b illustrates ADC output
code showing desired positive temperature dependency. Figure includes also both overall (red continuous lines)
and linear (red dashed lines) input signal range limits as ADC code values.
Figure 12a. Temp diode VF signal [mV]
Figure 12b. ADC output code [dec]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com