Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6505BA1Q1706 Datasheet(PDF) 29 Page - Micro Analog systems

Part # MAS6505BA1Q1706
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1Q1706 Datasheet(HTML) 29 Page - Micro Analog systems

Back Button MAS6505BA1Q1706 Datasheet HTML 25Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 26Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 27Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 28Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 29Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 30Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 31Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 32Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 33Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
DA6505.005
11 June 2018
29 (44)
EEPROM READ ONLY PROCEDURE
This chapter gives instructions for only reading data
from the EEPROM memory.
In read only application (using readily programmed
MAS6505 sensor module) the EEPROM can be read
at wide supply voltage range VDD=1.71V…5.5V.
In the beginning of the EEPROM read only
procedure the initial conditions are reset. Connecting
VDD triggers power-on-reset (POR) but to make
sure the device is reset an additional reset should be
given by writing any data byte to the reset register
(EC/6CHEX) via the serial bus.
The EEPROM is activated and kept write protected
by writing value 02HEX (or alternatively 05HEX) to the
EEPROM
control
register
(ED/6DHEX).
After
activating EEPROM there need to be wait at least
0.2 ms before reading from or writing to EEPROM.
In read there is no need for extra delay between
reads of each byte like in write and incremental read
can be used (after each read byte the read address
is automatically incremented to a next address if
read is continued).
After all data bytes are read the EEPROM memory
is inactivated by writing 00HEX to the EEPROM
control register (ED/6DHEX).
Figure 6. Flow chart for MAS6505 EEPROM read only
START
INITIAL CONDITIONS
Reset device by writing any data to the reset register EC/6CHEX
POWER UP DEVICE
Connect supply voltage 1.71V…5.5V to VDD pin
ACTIVATE EEPROM FOR A READ ONLY
Write 02HEX to the EEPROM control register ED/6DHEX
STOP
INACTIVATE EEPROM
Write 00HEX to the EEPROM control register ED/6DHEX
READ DATA FROM EEPROM
Read data byte (8-bit) to selected EEPROM memory address
no
Read more data?
yes
WAIT
Wait minimum 0.2 ms after activating EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com