Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240D1TC05 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6240D1TC05
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240D1TC05 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6240D1TC05 Datasheet HTML 1Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 2Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 3Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 4Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 5Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 6Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 7Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 8Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DA6240C.007
17 October, 2016
2 (13)
BLOCK & APPLICATION DIAGRAM
1x/2x/3x Charge Pump
VOUT
CP1
CN1
VIN (3V)
GND
DIN
Control
Logic
Oscillator
1MHz
CFLY1=0.1uF
COUT=0.1uF
CIN=0.1uF
EN1
PIEZO
SOUNDER
CP2
CN2
CFLY2=0.1uF
EN2
Short Circuit
Protection
VO1
VO2
900k
Pull Down
Resistor
MAS6240C1/C2
1kΩ…2kΩ
Output
Protection
(optional)
Figure 1. C1 or C2 Version Charge Pump + Single End Piezo Driver (max 9Vpp)
PIEZO
SOUNDER
1kΩ…2kΩ
Output
Protection
(optional)
1x/2x/3x Charge Pump
VOUT
CP1
CN1
VIN (3V)
GND
DIN
Control
Logic
Oscillator
1MHz
CFLY1=0.1uF
COUT=0.1uF
CIN=0.1uF
EN1
CP2
CN2
FLY2=0.1uF
EN2
Short Circuit
Protection
VO1
VO2
900k
Pull Down
Resistor
MAS6240C2
Figure 2. C2 Version Charge Pump + Differential Piezo Driver (max 18Vpp)
The application figures 1 and 2 include optional 1kΩ…2kΩ output protection resistor which offers an extra
protection for the over voltage that the piezo element could generate in a mechanical shock.
The input (CIN), fly (CFLY1, CFLY2) and output (COUT) capacitor value selections affect output ripple and
inrush current drawn from input during startup. See table 1 for selecting capacitor values at different
applications. The capacitors must be ceramic type with low ESR and meeting following minimum voltage ratings:
min 6.3V for CIN and CFLY1-CFLY2 and min 16V for COUT.
Table 1. Capacitor value selections at different applications
CIN
CFLY1-2
COUT
Application
100nF
100nF
100nF
Minimum size layout but increased inrush current
10µF
100nF
100nF
Battery cell operated device with low startup inrush current
10µF
100nF
1µF
Low output ripple application with medium inrush current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com