Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240D1TC05 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6240D1TC05
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240D1TC05 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6240D1TC05 Datasheet HTML 1Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 2Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 3Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 4Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 5Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 6Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 7Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 8Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DA6240C.007
17 October, 2016
5 (13)
DETAILED DESCRIPTION
MAS6240 first pulse skipping
-1
0
1
2
3
4
5
6
7
8
9
10
-20
0
20
40
60
time [ms]
VO1
DIN
Figure 3. Enabling output VO1
The piezo driver is enabled at the second rising edge of the signal at DIN, thus the signal is transferred to the
piezo output VO1. An inverted output VO2 is enabled at the same time, but it is optional to take it in use. Control
logic is switching the charge pump on at first rising signal of digital input DIN pin. If only one rising edge is fed to
the input DIN, the piezo driver remains disabled. This makes it possible to control e.g. a white LED or other
device through pin VOUT while charge pump is enabled, without enabling the piezo driver. The VO1 and VO2
outputs are at GND when the piezo driver is disabled.
MAS6240 first pulse skipping & power down delay
-1
0
1
2
3
4
5
6
7
8
9
10
-20
0
20
40
60
time [sec]
DIN
VO2
Figure 4. Disabling VO2
Figure 4 is drawn in the case of VO2. The charge pump and piezo driver disable signal will be generated after
the signal at DIN has been low at mostly for 50 ms. In the figure 4 the switch-off delay is about 15 ms. Again
when new pulses are fed into DIN, the charge pump and piezo driver will be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com