Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240D1TC05 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6240D1TC05
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240D1TC05 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6240D1TC05 Datasheet HTML 2Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 3Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 4Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 5Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 6Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 7Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 8Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 9Page - Micro Analog systems MAS6240D1TC05 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DA6240C.007
17 October, 2016
6 (13)
DEVICE OUTLINE CONFIGURATION
1
4
7
10
240
CvY
QFN 2x2 12ld
1
4
7
10
1234
GCv
YWW
QFN 3x3 12ld
Top Marking Information:
240 & 1234 = Product Number
Cv = Version Number
G = Lead Free, RoHS Compliant Package
Y = Year WW = Week
QFN-12 2x2x0.5, QFN-12 3x3x0.75 PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
EN1
1
DI
Charge pump mode selection input 1
EN2
2
DI
Charge pump mode selection input 2
DIN
3
DI
Enable signal + Digital signal input
CN1
4
AI/O
Flying capacitor 1 negative terminal
GND
5
G
Supply ground
VO2
6
DO
Digital audio signal output 2
VO1
7
DO
Digital audio signal output 1
CN2
8
AI/O
Flying capacitor 2 negative terminal
CP1
9
AI/O
Flying capacitor 1 positive terminal
VOUT
10
AO
Charge pump output
CP2
11
AI/O
Flying capacitor 2 positive terminal
VIN
12
P
Power supply
EXP_PAD
-
P
Exposed pad connected to GND
1
G = Ground, P = Power, D = Digital, A = Analog, I = Input, O = Output
Note1: On PCB the exposed can be either connected to GND or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com