Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE28F320B3BC90 Datasheet(PDF) 21 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 21 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 17Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 18Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 19Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 20Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 21Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 22Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 23Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 24Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
3UHOLPLQDU\
15
3.3.2
WP# = VIH for Block Unlocking
WP# = VIH unlocks all lockable blocks.
These blocks can now be programmed or erased.
Note that RP# does not override WP# locking as in previous Boot Block devices. WP# controls all
block locking and VPP provides protection against spurious writes. Table 8 defines the write
protection methods.
3.4
VPP Program and Erase Voltages
Intel
® 3 Volt Advanced Boot Block products provide in-system programming and erase at 2.7 V.
For customers requiring fast programming in their manufacturing environment, 3 Volt Advanced
Boot Block includes an additional low-cost 12 V programming feature.
The 12 V VPP mode enhances programming performance during the short period of time typically
found in manufacturing processes; however, it is not intended for extended use. 12 V may be
applied to VPP during program and erase operations for a maximum of 1000 cycles on the main
blocks and 2500 cycles on the parameter blocks. VPP may be connected to 12 V for a total of 80
hours maximum.
Warning:
Stressing the device beyond these limits may cause permanent damage.
During read operations or idle times, VPP may be tied to a 5 V supply. For program and erase
operations, a 5 V supply is not permitted. The VPP must be supplied with either 2.7 V–3.6 V or
11.4 V–12.6 V during program and erase operations.
3.4.1
VPP = VIL for Complete Protection
The VPP programming voltage can be held low for complete write protection of all blocks in the
flash device. When VPP is below VPPLK, any program or erase operation will result in a error,
prompting the corresponding status register bit (SR.3) to be set.
3.5
Power Consumption
Intel Flash devices have a tiered approach to power savings that can significantly reduce overall
system power consumption. The Automatic Power Savings (APS) feature reduces power
consumption when the device is selected but idle. If the CE# is deasserted, the flash enters its
standby mode, where current consumption is even lower. The combination of these features can
minimize memory power consumption, and therefore, overall system power consumption.
Table 8.
Write Protection Truth Table for the Advanced Boot Block Flash Memory Family
VPP
WP#
RP#
Write Protection Provided
XX
VIL
All Blocks Locked
VIL
XVIH
All Blocks Locked
≥ V
PPLK
VIL
VIH
Lockable Blocks Locked
≥ V
PPLK
VIH
VIH
All Blocks Unlocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com