Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE28F320B3BC90 Datasheet(PDF) 24 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 24 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 20Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 21Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 22Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 23Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 24Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 25Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 26Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 27Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
18
3UHOLPLQDU\
4.0
Electrical Specifications
4.1
Absolute Maximum Ratings
NOTES:
1. Minimum DC voltage is -0.5 V on input/output pins, with allowable undershoot to -2.0 V for periods <20 ns.
Maximum DC voltage on input/output pins is VCC +0.5 V, with allowable overshoot to VCC +1.5 for periods of
<20 ns
2. Maximum DC voltage on VPP may overshoot to +14.0 V for periods <20 ns.
3. VPP Program voltage is normally 2.7 V–3.6 V. Connection to a 11.4 V–12.6 V supply can be done for a
maximum of 1000 cycles on the main blocks and 2500 cycles on the parameter blocks during program/erase.
VPP may be connected to 12 V for a total of 80 hours maximum. See Section 3.4 for details.
4. Minimum DC voltage is -0.5 V on VCC and VCCQ, with allowable undershoot to -2.0 V for periods <20 ns.
Maximum DC voltage on VCC and VCCQ pins is VCC +0.5 V, with allowable overshoot to VCC +1.5 for periods
of <20 ns.
5. Output shorted for no more than one second. No more than one output shorted at a time.
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
These are stress ratings only. Operation beyond the “Operating Conditions” is not recommended
and extended exposure beyond the “Operating Conditions” may affect device reliability.
Parameter
Maximum Rating
Extended Operating Temperature
During Read
–40 °C to +85 °C
During Block Erase and Program
–40 °C to +85 °C
Temperature under Bias
–40 °C to +85 °C
Storage Temperature
–65 °C to +125 °C
Voltage On Any Pin (except VCC, VCCQ and VPP) with Respect to GND
–0.5 V to +3.7 V(1)
VPP Voltage (for Block Erase and Program) with Respect to GND
–0.5 V to +13.5 V(1,2,3)
VCC and VCCQ Supply Voltage with Respect to GND
–0.2 V to +3.7 V(4)
Output Short Circuit Current
100 mA(5)
NOTICE: This datasheet contains preliminary information on new products in production. Specifications are
subject to change without notice. Verify with your local Intel Sales office that you have the latest datasheet before
finalizing a design
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com