Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE28F320B3BC90 Datasheet(PDF) 26 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 26 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 22Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 23Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 24Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 25Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 26Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 27Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 28Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 29Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
20
3UHOLPLQDU\
4.4
DC Characteristics
Sym
Parameter
VCC
2.7 V–3.6 V
2.7 V–2.85 V
2.7 V–3.3 V
Unit
Test Conditions
VCCQ
2.7 V–3.6 V
1.65 V–2.5 V
1.8 V–2.5 V
Note
Typ
Max
Typ
Max
Typ
Max
ILI
Input Load Current
1,2
± 1
± 1
± 1
µA
VCC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or GND
ILO
Output Leakage Current
1,2
± 10
± 10
± 10
µA
VCC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or GND
ICCS
VCC Standby Current for
0.18 Micron Product
1,2
7
15
20
50
150
250
µA
VCC = VCCMax
CE# = RP# = VCCQ
or during Program/
Erase Suspend
WP# = VCCQ or GND
VCC Standby Current for
0.25 Micron and
0.4 Micron Product
1,2
18
35
20
50
150
250
µA
ICCD
VCC Power-Down Current
for 0.18 Micron Product
1,2
7
15
7
20
7
20
µA
VCC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or GND
RP# = GND ± 0.2 V
VCC Power-Down Current
for 0.25 Micron and
0.4 Micron Product
1,2
7
25
7
25
7
25
µA
ICCR
VCC Read Current for
0.18 Micron Product
1,2,3
9
18
8
15
9
15
mA
VCC = VCCMax
VCCQ = VCCQMax
OE# = VIH , CE# =VIL
f = 5 MHz, IOUT=0 mA
Inputs = VIL or VIH
VCC Read Current for
0.25 and 0.4 Micron
Product
1,2,3
10
18
8
15
9
15
mA
IPPD
VPP Deep Power-Down
Current
0.2
5
0.2
5
0.2
5
µA
RP# = GND ± 0.2 V
VPP ≤ VCC
IPPR
VPP Read Current
1,4
2
±15
2
±15
2
±15
µA
VPP ≤ VCC
50
200
50
200
50
200
µA
VPP > VCC
ICCW+
IPPW
VCC + VPP Program
Current for 0.18 Micron
Product
1,2,4
18
55
18
55
18
55
mA
VPP =VPP1, 2, 3
Program in Progress
8
1510301030
mA
VPP = VPP4
Program in Progress
VCC + VPP Program
Current for 0.25 Micron
and 0.4 Micron Product
1,2,4
18
55
18
55
18
55
mA
VPP =VPP1, 2, 3
Program in Progress
10
30
10
30
10
30
mA
VPP = VPP4
Program in Progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com