Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS832018 Datasheet(PDF) 21 Page - GSI Technology

Part # GS832018
Description  2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS832018 Datasheet(HTML) 21 Page - GSI Technology

Back Button GS832018 Datasheet HTML 17Page - GSI Technology GS832018 Datasheet HTML 18Page - GSI Technology GS832018 Datasheet HTML 19Page - GSI Technology GS832018 Datasheet HTML 20Page - GSI Technology GS832018 Datasheet HTML 21Page - GSI Technology GS832018 Datasheet HTML 22Page - GSI Technology GS832018 Datasheet HTML 23Page - GSI Technology GS832018 Datasheet HTML 24Page - GSI Technology GS832018 Datasheet HTML 25Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
GS832018/32/36T-250/225/200/166/150/133
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 10/2004
21/25
© 2003, GSI Technology
TQFP Package Drawing (Package T)
E1
E
b
e
c
L
L1
A2
A1
θ
Notes:
1. All dimensions are in millimeters (mm).
2. Package width and length do not include mold protrusion.
Symbol
Description
Min. Nom. Max
A1
Standoff
0.05
0.10
0.15
A2
Body Thickness
1.35
1.40
1.45
b
Lead Width
0.20
0.30
0.40
c
Lead Thickness
0.09
—
0.20
D
Terminal Dimension
21.9
22.0
22.1
D1
Package Body
19.9
20.0
20.1
E
Terminal Dimension
15.9
16.0
16.1
E1
Package Body
13.9
14.0
14.1
e
Lead Pitch
—
0.65
—
L
Foot Length
0.45
0.60
0.75
L1
Lead Length
—
1.00
—
Y
Coplanarity
0.10
θ
Lead Angle
0
°
—
7
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com