Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS832018 Datasheet(PDF) 13 Page - GSI Technology

Part # GS832018
Description  2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS832018 Datasheet(HTML) 13 Page - GSI Technology

Back Button GS832018 Datasheet HTML 9Page - GSI Technology GS832018 Datasheet HTML 10Page - GSI Technology GS832018 Datasheet HTML 11Page - GSI Technology GS832018 Datasheet HTML 12Page - GSI Technology GS832018 Datasheet HTML 13Page - GSI Technology GS832018 Datasheet HTML 14Page - GSI Technology GS832018 Datasheet HTML 15Page - GSI Technology GS832018 Datasheet HTML 16Page - GSI Technology GS832018 Datasheet HTML 17Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
GS832018/32/36T-250/225/200/166/150/133
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 10/2004
13/25
© 2003, GSI Technology
VDDQ3 Range Logic Levels
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
VDD Input High Voltage
VIH
2.0
—
VDD + 0.3
V1
VDD Input Low Voltage
VIL
–0.3
—
0.8
V
1
VDDQ I/O Input High Voltage
VIHQ
2.0
—
VDDQ + 0.3
V1,3
VDDQ I/O Input Low Voltage
VILQ
–0.3
—
0.8
V
1,3
Notes:
1. The part numbers of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifica-
tions quoted are evaluated for worst case in the temperature range marked on the device.
2. Input Under/overshoot voltage must be –2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC.
3. VIHQ (max) is voltage on VDDQ pins plus 0.3 V.
VDDQ2 Range Logic Levels
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
VDD Input High Voltage
VIH
0.6*VDD
—
VDD + 0.3
V1
VDD Input Low Voltage
VIL
–0.3
—
0.3*VDD
V1
VDDQ I/O Input High Voltage
VIHQ
0.6*VDD
—
VDDQ + 0.3
V1,3
VDDQ I/O Input Low Voltage
VILQ
–0.3
—
0.3*VDD
V1,3
Notes:
1. The part numbers of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifica-
tions quoted are evaluated for worst case in the temperature range marked on the device.
2. Input Under/overshoot voltage must be –2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC.
3. VIHQ (max) is voltage on VDDQ pins plus 0.3 V.
Recommended Operating Temperatures
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Ambient Temperature (Commercial Range Versions)
TA
025
70
°C2
Ambient Temperature (Industrial Range Versions)
TA
–40
25
85
°C2
Notes:
1. The part numbers of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifica-
tions quoted are evaluated for worst case in the temperature range marked on the device.
2. Input Under/overshoot voltage must be –2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com