Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9473 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9473
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9473 Datasheet(HTML) 6 Page - STMicroelectronics

  L9473 Datasheet HTML 1Page - STMicroelectronics L9473 Datasheet HTML 2Page - STMicroelectronics L9473 Datasheet HTML 3Page - STMicroelectronics L9473 Datasheet HTML 4Page - STMicroelectronics L9473 Datasheet HTML 5Page - STMicroelectronics L9473 Datasheet HTML 6Page - STMicroelectronics L9473 Datasheet HTML 7Page - STMicroelectronics L9473 Datasheet HTML 8Page - STMicroelectronics L9473 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
L9473
6/9
Table 8. REGULATION FEATURES
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VL-PD
L Terminal Regulator Activate
Threshold
VGO=12.6V
0.8
1
1.15
V
IL-PD
L Terminal Pull Down Current
VL = VL-ACT
VGO=12.6V
0.09
0.78
mA
VP-IR
Initiate Regulation Phase Voltage
Threshold
Regulator Activated
1.1
1.3
1.5
V
IP
Phase Terminal Current Sink
VP > 1.5V and < 12.6V
VGO = 12.6V
0.25
3.5
mA
FP-IR
Initiate Regulation Phase
Frequency
123
145
167
Hz
FP-TR
Terminate Regulation Phase
Frequency
59
72
86
Hz
IRD
Initiate Regulation Delay
Regulator Activated, VP-IR AND
FP-IR Conditions Met First Time.
2.533.5
s
FSDC
Field Strobe Duty Cycle
Regulator Activated AND
(Regulation Terminated OR
Regulation NOT Initiated)
16
18.75
22
%
LRC
Load Response Control Rate
Field Drive Duty Cycle Increase
8.5
10
11.5
%/s
FP-LRC
LRC Transition Frequency
LRC Enabled if FP < FP-LRC
255
300
345
Hz
SS
Soft-Start
LRC enabled until VSP reached
regardless other conditions
34
40
46
%/s



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com