Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9473 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9473
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9473 Datasheet(HTML) 7 Page - STMicroelectronics

  L9473 Datasheet HTML 1Page - STMicroelectronics L9473 Datasheet HTML 2Page - STMicroelectronics L9473 Datasheet HTML 3Page - STMicroelectronics L9473 Datasheet HTML 4Page - STMicroelectronics L9473 Datasheet HTML 5Page - STMicroelectronics L9473 Datasheet HTML 6Page - STMicroelectronics L9473 Datasheet HTML 7Page - STMicroelectronics L9473 Datasheet HTML 8Page - STMicroelectronics L9473 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
L9473
Figure 7. Multiwatt 8 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
0043696 F
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A5
0.197
B
2.65
0.104
C1.6
0.063
E
0.49
0.55
0.019
0.022
F
0.78
0.85
0.030
0.033
G
2.40
2.54
2.68
0.094
0.10
0.105
G1
17.64
17.78
17.92
0.69
0.70
0.71
H1
19.6
0.772
H2
20.2
0.795
L
20.35
20.65
0.80
0.81
L2
17.05
17.20
17.35
0.67
0.68
0.68
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
U
0.40
0.55
0.015
0.022
Z
0.70
0.85
0.028
0.034
Dia1
3.65
3.85
0.144
0.152
Multiwatt8 (Pin 5 GND)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com