Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9473 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9473
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9473 Datasheet(HTML) 4 Page - STMicroelectronics

  L9473 Datasheet HTML 1Page - STMicroelectronics L9473 Datasheet HTML 2Page - STMicroelectronics L9473 Datasheet HTML 3Page - STMicroelectronics L9473 Datasheet HTML 4Page - STMicroelectronics L9473 Datasheet HTML 5Page - STMicroelectronics L9473 Datasheet HTML 6Page - STMicroelectronics L9473 Datasheet HTML 7Page - STMicroelectronics L9473 Datasheet HTML 8Page - STMicroelectronics L9473 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
L9473
4/9
Figure 4. Set-Point Voltage vs. Mounting Tab Temperature (10k
Ω between VGO & TS)
Figure 5. Set-Point Voltage vs. Thermistor Temperature, Tj = 90°C (Not guaranteed by testing,
depending on NTC characteristics)
14.41
14.69
14.84
14.59
14.86
15.01
15.17
14.77
15.08
15.3
14.3
14.2
14.4
14.6
14.8
15
15.2
15.4
-40
-20
0
20
40
60
80
100
120
Junction Temp
14.41
14.69
14.84
14.59
14.86
15.01
15.17
14.77
15.08
15.3
14.3
14.2
14.4
14.6
14.8
15
15.2
15.4
-40
-20
0
20
40
60
80
100
120
Junction Temp
13.53
14.49
14.73
13.91
14.88
15.04
13.4
13.6
13.8
14
14.2
14.4
14.6
14.8
15
15.2
-40
-20
0
20406080
100
120
NTC Temp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com