Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT139PC Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74ACT139PC
Description  Dual 1-of-4 Decoder / Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT139PC Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74ACT139PC Datasheet HTML 3Page - ON Semiconductor 74ACT139PC Datasheet HTML 4Page - ON Semiconductor 74ACT139PC Datasheet HTML 5Page - ON Semiconductor 74ACT139PC Datasheet HTML 6Page - ON Semiconductor 74ACT139PC Datasheet HTML 7Page - ON Semiconductor 74ACT139PC Datasheet HTML 8Page - ON Semiconductor 74ACT139PC Datasheet HTML 9Page - ON Semiconductor 74ACT139PC Datasheet HTML 10Page - ON Semiconductor 74ACT139PC Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
74AC139, 74ACT139
www.onsemi.com
6
AC ELECTRICAL CHARACTERISTICS FOR AC
Symbol
Parameter
VCC
(V)
(Note 6)
TA = +25°C
TA = −40°C to +85°C
Units
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
An to On
3.3
4.0
8.0
11.5
3.5
13.0
ns
5.0
3.0
6.5
8.5
2.5
9.5
tPHL
Propagation Delay
An to On
3.3
3.0
7.0
10.0
2.5
11.0
ns
5.0
2.5
5.5
7.5
2.0
8.5
tPLH
Propagation Delay
En to On
3.3
4.5
9.5
12.0
3.5
13.0
ns
5.0
3.5
7.0
8.5
3.0
10.0
tPHL
Propagation Delay
En to On
3.3
4.0
8.0
10.0
3.0
11.0
ns
5.0
2.5
6.0
7.5
2.5
8.5
6. Voltage Range 3.3 is 3.3 V ± 0.3 V.
Voltage Range 5.0 is 5.0 V ± 0.5 V.
AC ELECTRICAL CHARACTERISTICS FOR ACT
Symbol
Parameter
VCC
(V)
(Note 7)
TA = +25°C
TA = −40°C to +85°C
Units
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
An to On
5.0
1.5
6.0
8.5
1.5
9.5
ns
tPHL
Propagation Delay
An to On
5.0
1.5
6.0
9.5
1.5
10.5
ns
tPLH
Propagation Delay
En to On
5.0
2.5
7.0
10.0
2.0
11.0
ns
tPHL
Propagation Delay
En to On
5.0
2.0
7.0
9.5
1.5
10.5
ns
7. Voltage Range 5.0 is 5.0 V ± 0.5 V
CAPACITANCE
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
40.0
pF
VCC = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com