Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT139PC Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74ACT139PC
Description  Dual 1-of-4 Decoder / Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT139PC Datasheet(HTML) 3 Page - ON Semiconductor

  74ACT139PC Datasheet HTML 1Page - ON Semiconductor 74ACT139PC Datasheet HTML 2Page - ON Semiconductor 74ACT139PC Datasheet HTML 3Page - ON Semiconductor 74ACT139PC Datasheet HTML 4Page - ON Semiconductor 74ACT139PC Datasheet HTML 5Page - ON Semiconductor 74ACT139PC Datasheet HTML 6Page - ON Semiconductor 74ACT139PC Datasheet HTML 7Page - ON Semiconductor 74ACT139PC Datasheet HTML 8Page - ON Semiconductor 74ACT139PC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74AC139, 74ACT139
www.onsemi.com
2
Logic Symbol/s
IEEE/IEC
TRUTH TABLE/S
Inputs
Outputs
E
A0
A1
O0
O1
O2
O3
H
X
X
H
H
H
H
L
L
L
L
H
H
H
L
H
L
H
L
H
H
L
L
H
H
H
L
H
L
H
H
H
H
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Functional Description
The AC/ACT139 is a high−speed dual 1−of−4 decoder/
demultiplexer. The device has two independent decoders,
each of which accepts two binary weighted inputs (A0–A1)
and provides four mutually exclusive active−LOW outputs
(O0–O3). Each decoder has an active−LOW enable (E).
When E is HIGH all outputs are forced HIGH. The enable
can be used as the data input for a 4−output demultiplexer
application. Each half of the AC/ACT139 generates all four
minterms of two variables. These four minterms are useful
in some applications, replacing multiple gate functions as
shown in Figure 1, and thereby reducing the number of
packages required in a logic network.
Figure 1. Gate Functions (Each Half)
Logic Diagram/s
Please note that this diagram is provided only for the
understanding of logic operations and should not be used to
estimate propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com